Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMG10005 Datasheet(PDF) 2 Page - Meder Electronic

Part No. PSMG10005
Description  Single MOSFET Die
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEDER [Meder Electronic]
Homepage  http://www.meder.com
Logo 

PSMG10005 Datasheet(HTML) 2 Page - Meder Electronic

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECO-PACTM 2
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Dimensions in mm (1 mm = 0.0394")
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
85
A
I
SM
Repetitive; pulse width limited by T
JM
340
A
V
SD
I
F = IS, VGS = 0 V
1.5
V
t
rr
250
ns
Q
RM
I
F = 50A,-di/dt = 100 A/µs, VR = 100 V
1.4
µC
I
RM
13
A
Note: 1) Pulse test, t
≤ 300 µs, duty cycle d ≤ 2%
2)
I
T test current: IT = 25A
Module
Symbol
Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz; t = 1 s
3600
V~
M
d
Mounting torque (M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
a
Max. allowable acceleration
50
m/s2
Symbol
Conditions
Characteristic Values
min.
typ. max.
d
S
Creepage distance on surface (Pin to heatsink)
11.2
m m
d
A
Strike distance in air (Pin to heatsink)
11.2
m m
Weight
24
g


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn