Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMG10005 Datasheet(PDF) 1 Page - Meder Electronic

Part No. PSMG10005
Description  Single MOSFET Die
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEDER [Meder Electronic]
Homepage  http://www.meder.com
Logo 

PSMG10005 Datasheet(HTML) 1 Page - Meder Electronic

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PSMG 100/05*
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Caution: These Devices are
sensitive to electrostatic
discharge. Users should observe
proper ESD handling precautions.
Power MOSFET
in ECO-PAC 2
Single MOSFET Die
I
D25
= 82 A
V
DSS
= 500 V
R
DSon
= 50 m
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 5 mA
500
V
V
GS(th)
V
DS = VGS, ID = 8 mA
2
4
V
I
GSS
V
GS = ±20 V, VDS = 0
±100
nA
I
DSS
V
DS = VDSS, TJ =
25°C
100
µA
V
GS = 0 V,
T
J = 125°C
2
mA
R
DS(on)
V
GS = 10 V, ID = IT,
1)
50 m
g
fs
V
DS = 10 V, ID = IT,
1)
45
S
C
iss
9400
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1280
pF
C
rss
460
pF
t
d(on)
45
ns
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
60
ns
t
d(off)
R
G = 1 Ω (External),
120
ns
t
f
45
ns
Q
g(on)
330
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
55
nC
Q
gd
155
nC
R
thJC
0.30 K/W
R
thCK
with heatsink compound (0.42 K/m.K; 50 µm)
0.15
K/W
MOSFET
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
500
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
82
A
I
D80
T
C = 80°C
62
A
E
AR
T
C = 25°C
60
mJ
E
AS
T
C = 25°C
3
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
400
W
Features
• Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 3000V electrical isolation
• Low drain to tab capacitance(< 25pF)
• Low R
DS (on) HDMOS
TM
process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Fast intrinsic Rectifier
• UL certified, E 148688
Applications
• DC-DC converters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• AC motor control
Advantages
• Easy assembly
• Space savings
• High power density
*NTC optional
I K10
X18
L N 9
A1
K13
K15


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn