Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1843BA02542S Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SF1843BA02542S
Description  1842.5 MHz SAW Filter 75 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF1843BA02542S Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SF1843BA02542S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF1843BA02542S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF1843BA02542S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1842.5 MHz SAW Filter
75 MHz Bandwidth
Part Number: SF1843BA02542S
Spectrum Microwave
00 Nickerson Road, Marlborough MA, USA
•••• Phone 1-508-251-6400 •••• Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF1843BA02542S Rev X3
28-July-2010
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
1842.5
-
MHz
Insertion Loss (1805 to 1880 MHz)
-
2.9
4.0
dB
Amplitude Ripple (1805 to 1880 MHz)
1.0
2.1
dB p-p
Input VSWR (1805 to 1880 MHz)
-
2.1
2.7
:1
Output VSWR (1805 to 1880 MHz)
-
2.0
2.7
:1
Attenuation (1 to 1200 MHz)
2
40
49
-
dB
Attenuation (1200 to 1705 MHz)
2
30
34
-
dB
Attenuation (1705 to 1785 MHz)
2
9
14
-
dB
Attenuation (1920 to 1980 MHz)
2
10
22
-
dB
Attenuation (1980 to 2200 MHz)
2
20
23
-
dB
Attenuation (2200 to 3000 MHz)
2
30
36
-
dB
Attenuation (3000 to 6000 MHz)
2
40
44
-
dB
Output Amplitude Balance (
ІS31/S21І)
-2
0
2
dB
Output Phase Balance (
Ф(S31)-Ф(S21)+180˚)
-12
0
12
deg
Source Impedance
50 ohms unbalanced
Load Impedance
200 ohms balanced
Ambient Temperature
-
25
-
° C
Notes:
1. Fixed reference point.
2. Reference level from 0 dB.
3. Symmetry in band, referenced to the matched operating condition, 1805 to 1880 MHz).
MAXIMUM RATINGS
Parameter
Min
Typ
Max
Units
Storage Temperature Range
-40
25
85
˚C
Operating Temperature Range
-20
25
75
˚C
Input Power Level
-
10
13
dBm
MATCHING CIRCUIT
Notes:
1. Recommend use of 2% tolerance matching component. Typical Inductor Q=45.
2. Component value is for reference only and may change depending on board layout.


Similar Part No. - SF1843BA02542S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1843BA02542S APITECH-SF1843BA02542S Datasheet
181Kb / 3P
   1842.5 MHz SAW Filter 75 MHz Bandwidth
More results

Similar Description - SF1843BA02542S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF1843BA02590S SPECTRUM-SF1843BA02590S Datasheet
79Kb / 3P
   1842.5 MHz SAW Filter 75 MHz Bandwidth
logo
API Technologies Corp
SF1843BA02675S APITECH-SF1843BA02675S Datasheet
163Kb / 3P
   1842.5 MHz SAW Filter 75 MHz Bandwidth
SF1843BA02590S APITECH-SF1843BA02590S Datasheet
79Kb / 3P
   1842.5 MHz SAW Filter 75 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1843BA02675S SPECTRUM-SF1843BA02675S Datasheet
163Kb / 3P
   1842.5 MHz SAW Filter 75 MHz Bandwidth
logo
API Technologies Corp
SF1843BA02542S APITECH-SF1843BA02542S Datasheet
181Kb / 3P
   1842.5 MHz SAW Filter 75 MHz Bandwidth
SF1843BA02598S APITECH-SF1843BA02598S Datasheet
73Kb / 3P
   1842.5 MHz SAW Filter 75 MHz Bandwidths
logo
Spectrum Microwave, Inc...
SF1843BA02598S SPECTRUM-SF1843BA02598S Datasheet
73Kb / 3P
   1842.5 MHz SAW Filter 75 MHz Bandwidths
logo
TriQuint Semiconductor
855860 TRIQUINT-855860_15 Datasheet
515Kb / 5P
   1842.5 MHz SAW Filter
856934 TRIQUINT-856934_15 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
856079 TRIQUINT-856079 Datasheet
466Kb / 7P
   1842.5 MHz SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com