Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE693025RY48 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PE693025RY48
Description  Isolators 69 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PE693025RY48 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PE693025RY48 Datasheet HTML 1Page - List of Unclassifed Manufacturers PE693025RY48 Datasheet HTML 2Page - List of Unclassifed Manufacturers PE693025RY48 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.imopc.com
Isolators 69 Series
T 3 and 4 pole
T On load 20A - 80A
T Red/yellow or black handles
T 3 padlock positions
T IP65
T Enclosed, DIN rail, base or panel mount versions
T Lightweight ext shafts 100-400mm
T Side mounted auxiliary contacts
T UL approval
Options and ordering codes
PM69
30
30
40
IP65 enclosed
Base mount door interlock
Front panel mount
Direct handle base mounted
3 pole
4 pole
PE69
LB69
PM69
DM69
RY64
RY48
RY64
B48
B64
20
20
5.5
25
7.5
32
11
40
15
63
18.5
80
22
Direct red/yellow 48mm handle
Direct red/yellow 64mm handle
Direct black 48mm handle
Direct black 64mm handle
Enclosed/door interlocked vertical
Rating @ 400V
AC21/Amps
AC23/kW
Description
Part ref
Red/yellow handle 64 x 64mm
H69-0001
Black handle 64 x 64mm
H69-0002
Red/yellow handle 48 x 48mm
H69-0003
Black handle 48 x 48mm
H69-0004
Door handle mounting tool
J7409
Extension shaft – 100mm
E69-0001
Extension shaft – 200mm
E69-0002
Extension shaft – 300mm
E69-0003
Extension shaft – 400mm
E69-0004
Auxiliary contacts 1 n/o + 1 n/c
A69-0001
Auxiliary contacts 2 n/o
A69-0002
Solid neutral block SN69-0001
Add on neutral switching pole 20-40A
SP69-0001
Add on neutral switching pole 63-80A
SP69-0002
Yellow plate – main switch 64mm
EP69-0001
Yellow plate – main switch 48mm
EP69-0002
Auxiliary contacts 1 n/o + 1 n/c
A69-0001
Auxiliary contacts 2 n/o only
A69-0002
Terminal shroud - 40A
TS69-0001
Terminal shroud - 63, 80A
TS69-0002
Accessories
69Series/07/08
-


Similar Part No. - PE693025RY48

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PE60 EDI-PE60 Datasheet
69Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
   Power Panel Potentiometer
Revision: 05-Jun-08
PE60 VISHAY-PE60 Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60 VISHAY-PE60 Datasheet
758Kb / 5P
   Power Panel 6 W Potentiometer
01-Jan-2022
logo
Pasternack Enterprises,...
PE6000-50 PASTERNACK-PE6000-50 Datasheet
76Kb / 1P
   BNC MALE RESISTOR TERMINATION
More results

Similar Description - PE693025RY48

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1773886 PHOENIX-1773886 Datasheet
48Kb / 3P
   Housing - HC-HV 6-KMQ-69/M1PG21
logo
Broadcom Corporation.
MGA-43728 BOARDCOM-MGA-43728 Datasheet
842Kb / 17P
   2.62??.69 GHz Linear Power Amplifier Module
logo
Agere Systems
269-2 AGERE-269-2 Datasheet
95Kb / 8P
   69-Type 14xx nm DFB Pump Laser Module
logo
PHOENIX CONTACT
1706548 PHOENIX-1706548 Datasheet
65Kb / 3P
   PTDA 2,5/ 3-PH-5,0 RTGY38BD-69
logo
Microsemi Corporation
MMI42595T MICROSEMI-MMI42595T Datasheet
87Kb / 2P
   Miniature Ferrite Isolators 18 - 110 GHz ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43728 AVAGO-MGA-43728_15 Datasheet
842Kb / 17P
   2.62??.69 GHz Linear Power Amplifier Module
logo
PHOENIX CONTACT
1773899 PHOENIX-1773899 Datasheet
48Kb / 3P
   Housing - HC-HV 6-KMQ-69/M1PG21
logo
OPTEK Technologies
OPI2150 OPTEK-OPI2150 Datasheet
99Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI3153 OPTEK-OPI3153 Datasheet
88Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPL7320 OPTEK-OPL7320 Datasheet
260Kb / 2P
   Optically Coupled Isolators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com