Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV1010 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616UV1010
Description  Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1010 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616UV1010 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1010 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 2.2
April 2001
1
R0201-BS616UV1010
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=3.0V
Vcc=3.0V
Vcc=2.0V
Vcc=3.0V
Vcc=2.0V
PKG TYPE
BS616UV1010EC
TSOP2-44
BS616UV1010AC
+0
O C to +70 O C
1.8V ~ 3.6V
150
0.5uA
0.3uA
15mA
10mA
BGA-48-0608
BS616UV1010EI
TSOP2-44
BS616UV1010AI
-40
O C to +85 O C
1.8V ~ 3.6V
150
1uA
20mA
1.5uA
15mA
BGA-48-0608
Ultra Low Power/Voltage CMOS SRAM
64K X 16 bit
• Ultra low operation voltage : 1.8 ~ 3.6V
• Ultra low power consumption :
Vcc = 2.0V
C-grade : 10mA (Max.) operating current
I- grade : 15mA (Max.) operating current
0.01uA (Typ.) CMOS standby current
Vcc = 3.0V
C-grade : 15mA (Max.) operating current
I- grade : 20mA (Max.) operating current
0.02uA (Typ.) CMOS standby current
• High speed access time :
-15
150ns (Max.) at Vcc = 3.0V
• Input levels are CMOS-compatible
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
The BS616UV1010 is a high performance, ultra low power CMOS Static
Random Access Memory organized as 65,536 words by 16 bits and
operates from a wide range of 1.8V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 0.01uA and maximum access time of 150ns in 2V operation.
Easy
memory
expansion is
provided by an
active LOW chip
enable(CE) and active LOW output enable(OE) and three-state output
drivers.
The BS616UV1010 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616UV1010 is available in the JEDEC standard 44-pin TSOP
Type II and 48-pin mini-BGA.
DESCRIPTION
FEATURES
Row
Decoder
Memory Array
512 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A3 A2 A1
Data
Input
Buffer
Control
Gnd
Vcc
OE
DQ0
A7
A15
A13
16
16
16
16
WE
CE
DQ15
A5
A6
14
128
2048
BLOCK DIAGRAM
512
18
A14
A12
A9
A4
A0
A11
A8
Address
Input
Buffer
A10
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
BS616UV1010
G
H
F
E
D
C
B
A
12
3
4
5
A9
A8
NC
IO15
IO14
NC
IO13
A12
A14
NC
A11
A10
A13
A15
WE
IO5
IO7
IO6
VCC
VSS
IO9
IO12
IO11
IO10
NC
NC
A5
NC
A7
A6
IO4
IO3
IO1
VSS
VCC
IO2
IO8
LB
UB
OE
A3
A0
A4
A1
CE
A2
IO0
NC
6
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
VCC
GND
DQ4
DQ5
DQ7
DQ6
WE
A15
A14
A13
A12
NC
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
GND
VCC
DQ11
DQ10
DQ9
DQ8
NC
A8
A9
A10
A11
NC
1
2
3
4
5
18
20
22
43
41
39
28
26
24
23
6
7
8
9
10
11
12
13
14
16
37
36
35
34
33
32
31
30
BS616UV1010EC
BS616UV1010EI
15
17
19
21
44
42
40
38
29
27
25
BSI


Similar Part No. - BS616UV1010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010AC10 BSI-BS616UV1010AC10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010ACG10 BSI-BS616UV1010ACG10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010ACG10 BSI-BS616UV1010ACG10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616UV1010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
logo
AMIC Technology
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com