Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0917BA03231S Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SF0917BA03231S
Description  916.5 MHz SAW Bandpass Filter, 500 kHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF0917BA03231S Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SF0917BA03231S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF0917BA03231S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF0917BA03231S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Min
Typ
Max
Units
Center Frequency, (Fc) 1
-
916.5
-
MHz
Minimum Insertion Loss
-
4.6
6
dB
Absolute Delay
-
0.62
-
us
Amplitude Ripple (916.25-916.75 MHz)
-
0.9
3
dB p-p
1 dB Bandwidth 2
-
560
-
kHz
3 dB Bandwidth 2
500
760
900
kHz
20 dB Bandwidth 2
-
2.25
-
MHz
Relative Attenuation (10-895 MHz) 2
30
35
-
dB
Relative Attenuation (895-906 MHz) 2
30
36
-
dB
Relative Attenuation (906-910 MHz) 2
25
37
-
dB
Relative Attenuation (922-925 MHz) 2
32
33.5
-
dB
Relative Attenuation (925-933 MHz) 2
14
34
-
dB
Relative Attenuation (933-940 MHz) 2
30
36
-
dB
Relative Attenuation (940-1100 Hz) 2
30
35
-
dB
Turnover Temperature
-
5
-
°C
Temperature Coefficient of Frequency
-0.032
ppm/°C2
Source and Load Impedance
50
ohms
Ambient Temperature (Tref)
-
25
-
°C
SPECIFICATION
Notes:
1. Reference frequency. Computed as mean of the 3 dB frequencies.
2. All dB values are referenced to the insertion loss value.
3. Typical shift of frequency response with temperature is: Δf = (T-Tref)2*Tc*Fc
Notes:
Recommend 2% or better tolerance matching components. Typical inductor Q=40.
Values may change depending on board layout. Ones shown are intended as a guide only.
MAXIMUM RATINGS
MATCHING CIRCUIT
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
°C
Operating Temperature Range (T)
-40
85
°C
Input Power Level
-
13
dBm
8/2012


Similar Part No. - SF0917BA03231S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0917BA03231S APITECH-SF0917BA03231S Datasheet
1Mb / 3P
   916.5 MHz SAW Bandpass Filter, 500 kHz Bandwidth
More results

Similar Description - SF0917BA03231S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0917BA03231S APITECH-SF0917BA03231S Datasheet
1Mb / 3P
   916.5 MHz SAW Bandpass Filter, 500 kHz Bandwidth
SF0122BA03286S APITECH-SF0122BA03286S Datasheet
1Mb / 3P
   121.5 MHz SAW Bandpass Filter, 25 kHz Bandwidth
SF0082BA03229S APITECH-SF0082BA03229S Datasheet
1Mb / 3P
   82.2 MHz SAW Bandpass Filter, 30 kHz Bandwidth
logo
RF Monolithics, Inc
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
   916.5 MHz SAW Filter
RF3181D RFM-RF3181D Datasheet
63Kb / 2P
   916.5 MHz SAW Filter
RF1181D RFM-RF1181D Datasheet
110Kb / 3P
   916.5 MHz SAW Filter
logo
API Technologies Corp
SF0070CF51542T APITECH-SF0070CF51542T Datasheet
203Kb / 2P
   70 MHz Filter 500 kHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51542T ICST-SF0070CF51542T Datasheet
200Kb / 2P
   70 MHz Filter 500 kHz Bandwidth
logo
RF Monolithics, Inc
RF1181B RFM-RF1181B Datasheet
295Kb / 2P
   916.5 MHz SAW Filter
logo
TriQuint Semiconductor
855625 TRIQUINT-855625_15 Datasheet
68Kb / 1P
   190 MHz Bandpass Filter 200 kHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com