Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM693025B64 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM693025B64
Description  Isolators 69 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM693025B64 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM693025B64 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM693025B64 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM693025B64 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.imopc.com
3-pole
4-pole
Auxiliary
4-pole
contacts
PE
Type
BB
B1
B2
C1
HM
N
20A to 80A
48
62.5
10
14.5
1-5
54
60
52
Isolators 69 Series continued
69Series/07/08
B1
B
B2
4X
Dimensions continued
Door interlock levellers 48mm
48mm
Mounting holes
64mm
Mounting holes
Mounting holes for
Central fixing
48
38
36˚
9
5-6
64
36
25
48˚
3.2+0.2
-0.0
22.5+0.2
-0.0
B1
B
B2
H
C1
B1
B
N
B2
M
31
LB series
PM series
DM series


Similar Part No. - DM693025B64

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
   Magnet
logo
C&K Components
DM61J11B205DO CK-COMPONENTS-DM61J11B205DO Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM61J11B205DQ ITT-DM61J11B205DQ Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM61J11B205HO CK-COMPONENTS-DM61J11B205HO Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM61J11B205HQ ITT-DM61J11B205HQ Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
More results

Similar Description - DM693025B64

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1773886 PHOENIX-1773886 Datasheet
48Kb / 3P
   Housing - HC-HV 6-KMQ-69/M1PG21
logo
Broadcom Corporation.
MGA-43728 BOARDCOM-MGA-43728 Datasheet
842Kb / 17P
   2.62??.69 GHz Linear Power Amplifier Module
logo
Agere Systems
269-2 AGERE-269-2 Datasheet
95Kb / 8P
   69-Type 14xx nm DFB Pump Laser Module
logo
PHOENIX CONTACT
1706548 PHOENIX-1706548 Datasheet
65Kb / 3P
   PTDA 2,5/ 3-PH-5,0 RTGY38BD-69
logo
Microsemi Corporation
MMI42595T MICROSEMI-MMI42595T Datasheet
87Kb / 2P
   Miniature Ferrite Isolators 18 - 110 GHz ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43728 AVAGO-MGA-43728_15 Datasheet
842Kb / 17P
   2.62??.69 GHz Linear Power Amplifier Module
logo
PHOENIX CONTACT
1773899 PHOENIX-1773899 Datasheet
48Kb / 3P
   Housing - HC-HV 6-KMQ-69/M1PG21
logo
OPTEK Technologies
OPI2150 OPTEK-OPI2150 Datasheet
99Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI3153 OPTEK-OPI3153 Datasheet
88Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPL7320 OPTEK-OPL7320 Datasheet
260Kb / 2P
   Optically Coupled Isolators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com