Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3290 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3290
Description  LM3290 Product Brief
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3290 Datasheet(HTML) 1 Page - Texas Instruments

  LM3290 Datasheet HTML 1Page - Texas Instruments LM3290 Datasheet HTML 2Page - Texas Instruments LM3290 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.5V - 5V
L
C
MIPI eTrak
LM3290
RFIC
or
BBIC
BATTERY
LM3291
LM3290
www.ti.com
SNVSA11 – AUGUST 2013
LM3290 Product Brief
1
FEATURES
DESCRIPTION
The LM3290, with its companion IC LM3291, is an
2
VOUT_RANGE
RF envelope supply modulator (EM) with integrated
VOUT_ET = 0.6 V to 4.5 V
DC-DC boost converter optimized for Envelope
VOUT_APT = 0.4 V to 3.81 V (or VIN – 200 mV)
Tracking (ET) RF power amplifiers (PAs). The device
enables maximum transmit output power independent
DC BOOST FOR ET OPERATION:
of the input battery voltage (battery as low as 2.5 V)
Boost Input Voltage Range: 2.5 V to 5 V
and is controlled by the system by MIPI® RFFE 1.1.
High-Efficiency (90% typical) with Internal
The LM3290 operates in two active modes:
Synchronous Rectification
1. For low TX output power, LM3290 may operate in
Boost Bypass Function with Low
Average Power Tracking (APT) mode, providing a
Resistance (150 m
Ω typ.)
static, but programmable, output voltage to
2.7 MHz PWM Switching Frequencies
supply the PA. At light load and in APT mode, the
LM3290 enters into Pulse Frequency Mode
BUCK DC-DC FOR APT AND ET OPERATION:
(PFM) operation automatically and operates with
High Operating Frequency for Small
reduced switching frequency. In PFM mode, the
External Inductors and Capacitors
quiescent current is reduced, which extends the
VOUT_RANGE = 0.6 V to min of 3.81 V and
battery life.
VIN – 200 mV
2. In ET mode, the LM3290 with LM3291 efficiently
High-Efficiency (95% typical) with Internal
provides
a
dynamic,
high-bandwidth
supply
voltage for the PA to maximize total EM + PA
Synchronous Rectification
efficiency. The envelope modulator follows the
Low-Power PFM Mode
envelope reference input signal delivered by the
LM3291 CONTROL:
RFIC to the LM3291 via a differential analog
Automatic Control of LM3291 in ET Mode
input. The output is a single-ended power supply
signal to the PA.
RFFE CONTROL INTERFACE:
The LM3290 and LM3291 support 3G, as well as LTE
1.8 V MIPI® RFFE 1.1-Compatible Digital
operation up to 20-MHz signal bandwidth.
Control Interface
26 MHz Write Capability
The LM3290 controls the LM3291 companion-IC
through direct control signals, and no additional
13 MHz Read Capability
controls are needed from the system. Shutdown,
standby, and idle modes turn the EM off and reduce
battery current consumption.
For the full datasheet, samples, or the EVM
hardware and software please contact a TI
representative at ET@list.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MIPI is a registered trademark of Mobile Industry Processor Interface Alliance.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3290

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM329 LINER-LM329 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
LM329 LINER-LM329 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
LM329 LINER-LM329 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
logo
Texas Instruments
LM329 TI-LM329 Datasheet
359Kb / 12P
[Old version datasheet]   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329 Datasheet
197Kb / 8P
   Precision Reference
More results

Similar Description - LM3290

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com