Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD25483F4R Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD25483F4R
Description  CSD25483F4, 20 V P-Channel FemtoFET MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25483F4R Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD25483F4R Datasheet HTML 4Page - Texas Instruments CSD25483F4R Datasheet HTML 5Page - Texas Instruments CSD25483F4R Datasheet HTML 6Page - Texas Instruments CSD25483F4R Datasheet HTML 7Page - Texas Instruments CSD25483F4R Datasheet HTML 8Page - Texas Instruments CSD25483F4R Datasheet HTML 9Page - Texas Instruments CSD25483F4R Datasheet HTML 10Page - Texas Instruments CSD25483F4R Datasheet HTML 11Page - Texas Instruments CSD25483F4R Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CSD25483F4
www.ti.com
SLPS449B – OCTOBER 2013 – REVISED FEBRUARY 2014
7 Trademarks
FemtoFET is a trademark of Texas Instruments.
8 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (December 2013) to Revision B
Page
Added part number to title ..................................................................................................................................................... 1
Updated lead and halogen free in features ........................................................................................................................... 1
Added IG parameter ............................................................................................................................................................... 1
Lowered IDSS limit .................................................................................................................................................................. 2
Lowered IGSS limit .................................................................................................................................................................. 2
Changes from Original (October 2013) to Revision A
Page
Updated title .......................................................................................................................................................................... 1
Fixed resistance typo ............................................................................................................................................................. 1
Added small reel .................................................................................................................................................................... 1
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD25483F4


Similar Part No. - CSD25483F4R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25483F4 TI1-CSD25483F4 Datasheet
781Kb / 12P
[Old version datasheet]   20 V, P-Channel FemtoFE MOSFET
CSD25483F4T TI1-CSD25483F4T Datasheet
781Kb / 12P
[Old version datasheet]   20 V, P-Channel FemtoFE MOSFET
More results

Similar Description - CSD25483F4R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
[Old version datasheet]   20-V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
[Old version datasheet]   CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com