Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSD13202Q2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. CSD13202Q2
Description  12V N-Channel NexFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CSD13202Q2 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
0.0
3.0
6.0
9.0
12.0
15.0
18.0
21.0
24.0
27.0
30.0
−50
−25
0
25
50
75
100
125
150
175
TA - AmbientTemperature (ºC)
G001
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
50
VDS - Drain-to-Source Voltage (V)
1ms
10ms
100ms
1s
DC
Single Pulse
Typical RthetaJA =165ºC/W(min Cu)
G001
0.1
1
10
100
0.01
0.1
1
10
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
CSD13202Q2
www.ti.com
SLPS313 – SEPTEMBER 2013
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD13202Q2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn