Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSD13202Q2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. CSD13202Q2
Description  12V N-Channel NexFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CSD13202Q2 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
0
5
10
15
20
25
30
35
40
45
50
0
0.1
0.2
0.3
0.4
0.5
0.6
VDS - Drain-to-Source Voltage (V)
VGS = 4.5V
VGS = 3V
VGS =2.5V
G001
0
5
10
15
20
25
30
35
40
45
50
0
0.4
0.8
1.2
1.6
2
2.4
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
GATE
Source
DRAIN
M0164-01
GATE
Source
DRAIN
M0164-02
CSD13202Q2
www.ti.com
SLPS313 – SEPTEMBER 2013
Max RθJA = 60 when
Max RθJA = 210 when
mounted on 1 inch2
mounted on minimum
(6.45 cm2) of 2-oz.
pad area of 2-oz.
(0.071-mm thick) Cu.
(0.071-mm thick) Cu.
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD13202Q2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn