Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN9466 Datasheet(PDF) 1 Page - API Technologies Corp

Part # RN9466
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

RN9466 Datasheet(HTML) 1 Page - API Technologies Corp

  RN9466 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point....... +50 dBm (Typ.)
Second Order Two Tone Intercept Point......... +45 dBm (Typ.)
Third Order Two Tone Intercept Point............ +32 dBm (Typ.)
Power
Vdc
+15
+15 Min.
mA
125
140 Max.
RF AMPLIFIER
MODEL TR9466
Available as: TR9466, 4 Pin TO-8B (T8)
RN9466, 4 Pin .525” Sq. Surface Mount (SM19)
BR9466,Connectorized Housing (H2)
Features
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
3.0
4.3 Max.
VSWR
In
<1.5:1
2.0:1 Max
Out
1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
-30
-28 Max.
Power @ 1 dB
Comp. (dBm)
20.5
19.0 Min
Gain (dB)
19.0
18.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
!
!
!
!
! Output Power: +20.5 dBm Typical
!
!
!
!
! Higher Gain: +19 dB Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
3-15-04
Frequency
30-2100 MHz
100-2000 MHz
2.0
1.5
1.0
2.0
1.5
1.0
2
6
4
22
20
18
22
21
20
19
18
0
- 10
- 20
- 30
- 40
5
3
Start 30 MHz
Stop 2100 MHz
Start 30 MHz
Stop 2100 MHz
Start 30 MHz
Stop 2100 MHz
Start 30 MHz
Stop 2100 MHz
Start 30 MHz
Stop 2100 MHz
Start 30 MHz
Stop 2100 MHz
21
19
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
Gain (dB)
Legend
+ 25 ºC
+85 ºC
- - - - - - -55 ºC
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - RN9466

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
RN9036 APITECH-RN9036 Datasheet
163Kb / 1P
   RF AMPLIFIER MODEL
RN9069 APITECH-RN9069 Datasheet
173Kb / 1P
   RF AMPLIFIER MODEL
RN9117 APITECH-RN9117 Datasheet
76Kb / 1P
   RF AMPLIFIER MODEL
RN9169 APITECH-RN9169 Datasheet
106Kb / 1P
   RF AMPLIFIER MODEL
RN9189 APITECH-RN9189 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - RN9466

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com