Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS122N Datasheet(PDF) 6 Page - Motorola, Inc

Part # SN74LS122N
Description  RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS122N Datasheet(HTML) 6 Page - Motorola, Inc

Back Button SN74LS122N Datasheet HTML 2Page - Motorola, Inc SN74LS122N Datasheet HTML 3Page - Motorola, Inc SN74LS122N Datasheet HTML 4Page - Motorola, Inc SN74LS122N Datasheet HTML 5Page - Motorola, Inc SN74LS122N Datasheet HTML 6Page - Motorola, Inc SN74LS122N Datasheet HTML 7Page - Motorola, Inc SN74LS122N Datasheet HTML 8Page - Motorola, Inc SN74LS122N Datasheet HTML 9Page - Motorola, Inc SN74LS122N Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5-202
FAST AND LS TTL DATA
SN54/74LS122
• SN54/74LS123
Figure 8
Figure 5. K versus VCC
Figure 6. K versus VRC
Figure 7. K versus VCC and VRC
0.55
0.5
K
0.45
0.4
0.35
4.5
5
5.5
VCC
0.55
0.5
K
0.45
0.4
0.35
4.5
5
5.5
VCC = 5 V
Cext = 1000 pF
VRC
Cext = 1000 pF
0.55
0.5
K
0.45
0.4
0.35
4.5
5
5.5
VCC = VRC
125°C
70°C
25°C
0°C
- 55°C
VRC = 5 V
Cext = 1000 pF
125°C
70°C
0°C
- 55°C
125°C
25°C
0°C
- 55°C
70°C
25°C
100000
10000
1000
100
10
1
10
100
1000
Cext, EXTERNAL TIMING CAPACITANCE (pF)
Rext = 80 kΩ
Rext = 40 kΩ
Rext = 20 kΩ
Rext = 10 kΩ
Rext = 5 kΩ
Rext = 260 kΩ
Rext = 160 kΩ


Similar Part No. - SN74LS122N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS122N ONSEMI-SN74LS122N Datasheet
171Kb / 12P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS122N TI-SN74LS122N Datasheet
460Kb / 12P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74LS122N TI1-SN74LS122N Datasheet
1Mb / 25P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74LS122N TI1-SN74LS122N Datasheet
1Mb / 25P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74LS122N TI1-SN74LS122N Datasheet
1Mb / 26P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Similar Description - SN74LS122N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI1-SN54122_18 Datasheet
1Mb / 26P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI-SN54122 Datasheet
460Kb / 12P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74123NE4 TI1-SN74123NE4 Datasheet
1Mb / 25P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI1-SN54122_15 Datasheet
1Mb / 25P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com