Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2520-6002UB Datasheet(PDF) 3 Page - 3M Electronics

Part No. 2520-6002UB
Description  .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 

2520-6002UB Datasheet(HTML) 3 Page - 3M Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MFour-Wall Header
2500 Series
TS-0770-L
Sheet 3 of 5
Inch
(mm)
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
Notes:
1. Notches A & C will accomodate 3M Polarizing Keys (3M Part #3518 or N3518).
2. Contacts tails .0245 [0.622] wire with .0075 [0.191] corner radii & .028 [.071] diagonal.
Ordering Information
X25XX - 50XX - XX
Prefix:
N = High Temp. Black (PCT)
(RB, UB, or UG Pltg. Req’d)
Blank = Std. Temp. Gray (PBT)(UB or UG Pltg. Req’d)
Pin Quantity:
(See Table 1)
Solder Tail
02 = for .062 [1.57] thick board (Standard)
03 = for .094 to .125 [2.39 to 3.18] thick board
Plating:
RB = 30µ” [0.76µm] Gold with 200µ” [5.08µm]
Matte Tin Solder Tails (RIA E1 & C1 apply)
UG = 15µ” [0.38µm] Gold with 200µ” [5.08µm] 60:40
Tin-Lead Solder Tails (RIA E3 & C2 apply)
UB = 30µ” [0.76µm] Gold with 200µ” [5.05µm] 60:40
Tin-Lead Solder Tails (RIA E3 & C2 apply)
Table 1
Pin Qty
Dimensions
Polarizing
Notches
A
B
6
0.588 (14.94)
0.508 (12.90)
B
8
0.688 (17.48) 0.608 (15.44)
B
10
0.788 (20.02) 0.708 (17.98)
BC
14
0.988 (25.10) 0.908 (23.06)
BCDE
16
1.088 (27.64) 1.008 (25.60)
ABCDE
20
1.288 (32.72) 1.208 (30.68)
ABCDE
24
1.488 (37.80) 1.408 (35.76)
ABCDE
26
1.588 (40.34) 1.508 (38.30)
ABCDE
30
1.788 (45.42) 1.708 (43.38)
ABCDE
34
1.988 (50.50) 1.908 (48.46)
ABCDE
36
2.088 (53.04)
2.008 (51.00)
ABCDE
40
2.288 (58.12) 2.208 (56.08)
ABCDE
50
2.788 (70.82) 2.708 (68.78)
ABCDE
60
3.288 (83.52) 3.208 (81.48)
ABCDE
64
3.488 (88.60) 3.408 (86.56)
ABCDE
C
.100”x.100”LowProfile,RightAngleThrough-Hole


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn