Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2520-6002UB Datasheet(PDF) 1 Page - 3M Electronics

Part No. 2520-6002UB
Description  .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 

2520-6002UB Datasheet(HTML) 1 Page - 3M Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MFour-Wall Header
2500 Series
• Low profile, space saving design
• Centerslotpolarizationpreventsmis-insertionsandreduces
insertiontime
• Dualslotpolarizationmeansbroadercompatibilitywith
competitivepolarizationdesigns(not6,8or10pos.)
• Optionalretainerclipforlockingsocketsinplaceandincreasing
connectionreliabilityinvibration-proneenvironments
• Optionalhightemperatureinsulatorsuitablefor“nolead”
solderingoperations
• Hightemperatureoptioninthrough-holeversionsuitablefor
“pasteinhole”reflowsolderingtechniques
• Exposedsoldertails(onrightangleversion)provideeaseof
cleaningandreducedrepaircosts
• Straightsurfacemountversionavailable
• SeetheRegulatoryInformationAppendix(RIA)inthe“RoHS
Compliance”sectionofwww.3Mconnectors.comforcompliance
information
.
Date Modified: December 15, 2011
TS-0770-L
Sheet 1 of 5
Physical
Insulator
Material:
Glass Filled Polyester (PBT),
Glass Filled Polyester (PCT) - High Temperature Option
Flammability: UL 94V-0
Color: Gray (PBT) or Black (PCT)
Contact Material: Copper Alloy
Plating
Underplating: 100 µ” [ 2.54 µm ] Nickel - Overall
Wiping Area: Gold (See Ordering Information)
Solder Tails: 200 µ” [ 5.08 µm ] Tin Lead or Matte Tin (See Ordering Information)
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 5.00 A, 1 Contact Powered
3.00 A, 6 Contacts Powered
1.75 A, All Contacts Powered
Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise, 20% derated.
Reference appropriate 3M Product Specification for detailed current derating curves.
Insulation Resistance: >1 x 109 Ω at 500 V
DC
Withstanding Voltage: 1000 V
RMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: High Temp PCT insulator version: 260°C, per J-STD-020C, single pass
PBT insulator version: 191°C, maximum insulator temperature, solder wave
process only
Moisture Sensitivity Level: 1 (per J-STD-020C)
UL File No.: E68080
.
100”x .100”LowProfile,SMTStraight,StraightandRtAngleThrough-Hole


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn