Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521W226M020AHE060 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T521W226M020AHE060
Description  T521 High Voltage Polymer Tantalum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521W226M020AHE060 Datasheet(HTML) 4 Page - Kemet Corporation

  T521W226M020AHE060 Datasheet HTML 1Page - Kemet Corporation T521W226M020AHE060 Datasheet HTML 2Page - Kemet Corporation T521W226M020AHE060 Datasheet HTML 3Page - Kemet Corporation T521W226M020AHE060 Datasheet HTML 4Page - Kemet Corporation T521W226M020AHE060 Datasheet HTML 5Page - Kemet Corporation T521W226M020AHE060 Datasheet HTML 6Page - Kemet Corporation T521W226M020AHE060 Datasheet HTML 7Page - Kemet Corporation T521W226M020AHE060 Datasheet HTML 8Page - Kemet Corporation T521W226M020AHE060 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016-1 • 1/17/2011
44
KEMET Organic Capacitor (KO-CAP) – T521 High Voltage Polymer Tantalum
Electrical Characteristics
0
1
10
100
100
1,000
10,000
100,000
1,000,000 10,000,000
Frequency (Hz)
T521V476M020ATE055
T521V336M025ATE060
T521V156M035ATE100
Capacitance vs. Frequency
ESR vs. Frequency
0.01
0.1
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T521V476M020ATE055_Imp
T521V336M025ATE060_Imp
T521V156M035ATE100_Imp
T521V476M020ATE055_ESR
T521V336M025ATE060_ESR
T521V156M035ATE100_ESR
Dimensions – Millimeters (Inches)
Metric will govern
Notes: (Ref) – Dimensions provided for reference only. No dimensions provided for B, P or R because low profile cases do not have a bevel or a notch.
* MIL-C-55365/8 specified dimensions
Case Size
Component
KEMET
EIA
L*
W*
H*
F* ±0.1
±(.004)
S* ±0.3
±(.012)
B* ±0.15
(Ref) ±.006 X (Ref)
P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
D
7343-31
7.3 ± 0.3
(287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.8 ± 0.3
(098 ± .012)
2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
V
7343-20
7.3 ± 0.3
(287 ± .012)
4.3 ± 0.3
(.169 ± .012) 1.9 (.075) max 2.4 (.094) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
W
7343-15
7.3 ± 0.3
(287 ± .012)
4.3 ± 0.3
(.169 ± .012) 1.5 (.059) max 2.4 (.094) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
X
7343-43
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
4.0 ± 0.3
(.157 ± .012) 2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004)
1.7 (.067)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
15
Termination
cutout at
KEMET’s
Option,
either end


Similar Part No. - T521W226M020AHE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521W157M006APE0507280 KEMET-T521W157M006APE0507280 Datasheet
912Kb / 19P
   Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
T521W157M006ATE0507280 KEMET-T521W157M006ATE0507280 Datasheet
912Kb / 19P
   Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
T521W157M010APE0507280 KEMET-T521W157M010APE0507280 Datasheet
912Kb / 19P
   Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
T521W157M010ATE0507280 KEMET-T521W157M010ATE0507280 Datasheet
912Kb / 19P
   Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
T521W157M016APE0507280 KEMET-T521W157M016APE0507280 Datasheet
912Kb / 19P
   Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
More results

Similar Description - T521W226M020AHE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521 KEMET-T521 Datasheet
133Kb / 1P
   T521 Series - High Voltage Polymer
T521T106M025ATE060 KEMET-T521T106M025ATE060 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 60
T521V106M035ATE120 KEMET-T521V106M035ATE120 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 120mOhms, 2mm
T521V226M025ATE040 KEMET-T521V226M025ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 22 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521V156M035ATE100 KEMET-T521V156M035ATE100 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 100mOhms, 2mm
T521T336M016ATE045 KEMET-T521T336M016ATE045 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 33 uF, 20%, 16 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 45mOhms, 1.2mm
T521V565M050ATE090 KEMET-T521V565M050ATE090 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 5.6 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 90mOhms, 2mm
T521V156M025ATE040 KEMET-T521V156M025ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521X157M016ATE080 KEMET-T521X157M016ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, 4.3mm
T521D475M075ATE075 KEMET-T521D475M075ATE075 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 75 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 3.1mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com