Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521D226M020ATE060 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T521D226M020ATE060
Description  T521 High Voltage Polymer Tantalum
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521D226M020ATE060 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T521D226M020ATE060 Datasheet HTML 2Page - Kemet Corporation T521D226M020ATE060 Datasheet HTML 3Page - Kemet Corporation T521D226M020ATE060 Datasheet HTML 4Page - Kemet Corporation T521D226M020ATE060 Datasheet HTML 5Page - Kemet Corporation T521D226M020ATE060 Datasheet HTML 6Page - Kemet Corporation T521D226M020ATE060 Datasheet HTML 7Page - Kemet Corporation T521D226M020ATE060 Datasheet HTML 8Page - Kemet Corporation T521D226M020ATE060 Datasheet HTML 9Page - Kemet Corporation T521D226M020ATE060 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016-1 • 1/17/2011
66
KEMET Organic Capacitor (KO-CAP) – T521 High Voltage Polymer Tantalum
Derating Guidelines
V
r = Rated Voltage
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to equivalent series resistance (ESR) and the power dissipation capabilities of the
device. Permissible AC ripple voltage which may be applied is limited by two criteria:
a. The positive peak AC voltage plus the DC bias voltage, if any, must not exceed the DC voltage rating of the capacitor.
b. The negative peak AC voltage, in combination with bias voltage, if any, must not exceed the allowable limits specified for reverse
voltage.
The maximum power dissipation by case size can be determined using the below table. The maximum power dissipation rating stated
in the table above must be reduced with increasing environmental operating temperatures. Refer to the below table for temperature
compensation requirements.
T= Environmental Temperature
Using the P max of the device, the maximum allowable rms
ripple current or voltage may be determined.
I(max) = √P max/R
E(max) = √P max*R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
Pmax = maximum power dissipation(watts)
R = ESR at specified frequency (ohms)
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
-55
25
45
85
105
125
Temperature (°C)
Maximum Transient Voltage
Recommended Application Voltage
Voltage
Rating
Max Recommended
Steady State Voltage
Max Recommended
Transient Voltage (1ms - 1µs)
-55°C to 105°C
16V ≤ V
r ≤ 35V
80% of V
r
V
r
105°C to 125°C
16V ≤ V
r ≤ 35V
54% of V
r
67% of V
r
Case Code
Maximum Power Dissipation (Pmax)
mWatts @ 45°C w/+30°C Rise
KEMET
EIA
T520/525T
3528-12
105
T520M
3528-15
120
T520A
3216-18
112
T520/525B
3538-21
127
T520U
6032-15
135
T520L
3528-19
150
T520C
6032-28
165
T520W
7343-15
180
T520V
7343-20
187
T520/525D
7343-31
225
T520Y
7343-40
241
T520X
7343-43
247
T528Z
7343-17
325
T530D
7343-31
255
T530Y
7343-40
263
T530X
7443-43
270
Temperature Compenstion Multipliers
for Maximum Power Dissipation
≤45°C
45°C < T ≤ 85°C
85°C < T ≤ 105°C
1.00
0.70
0.25


Similar Part No. - T521D226M020ATE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521D226M035A(1)E040 KEMET-T521D226M035A(1)E040 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521D226M035A(1)E060 KEMET-T521D226M035A(1)E060 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521D226M035ATE040 KEMET-T521D226M035ATE040 Datasheet
77Kb / 1P
   T521, Tantalum, Polymer Tantalum, 22 uF, 20%, 35 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 7343, Height Max = 3.1mm
T521D226M050A(1)E090 KEMET-T521D226M050A(1)E090 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521D226M050ATE090 KEMET-T521D226M050ATE090 Datasheet
76Kb / 1P
   T521, Tantalum, Polymer Tantalum, 22 uF, 20%, 50 VDC, SMD, Polymer, Molded, Low ESR, Non-Combustible, 90 mOhms, 7343,Height Max = 3.1mm
More results

Similar Description - T521D226M020ATE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521 KEMET-T521 Datasheet
133Kb / 1P
   T521 Series - High Voltage Polymer
T521T106M025ATE060 KEMET-T521T106M025ATE060 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 60
T521V106M035ATE120 KEMET-T521V106M035ATE120 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 120mOhms, 2mm
T521V226M025ATE040 KEMET-T521V226M025ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 22 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521V156M035ATE100 KEMET-T521V156M035ATE100 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 100mOhms, 2mm
T521T336M016ATE045 KEMET-T521T336M016ATE045 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 33 uF, 20%, 16 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 45mOhms, 1.2mm
T521V565M050ATE090 KEMET-T521V565M050ATE090 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 5.6 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 90mOhms, 2mm
T521V156M025ATE040 KEMET-T521V156M025ATE040 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521X157M016ATE080 KEMET-T521X157M016ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, 4.3mm
T521D475M075ATE075 KEMET-T521D475M075ATE075 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 75 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, 3.1mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com