Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB3060PI Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB3060PI
Description  DUAL COMMON CATHODE SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB3060PI Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB3060PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB3060PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB3060PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB3060PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB3060PI Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0O025-002
1
SDB3060PI
Schottky Barrier Rectifier
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
Features
Low forward voltage drop and leakage current
Low power loss and High efficiency
High surge capability
Dual common cathode rectifier
Full lead (Pb)-free and RoHS compliant device
Applications
Power supply - Output rectification
Converter
Free-wheeling diode
Reverse battery protection
Power inverters
Description
The SDB3060PI has two schottky barriers arranged in a common cathode configuration. Typical
applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery
protection.
Ordering Information
Device
Marking Code
Package
Packaging
SDB3060PI
SDB3060
TO-220F-3L
Tube
Marking Information
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB3060
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB3060
AUK = Manufacture Logo
∆ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. D = Daily Code
SDB3060 = Specific Device Code
1
3
2
Pin 1, 3: Anode
Pin 2: Cathode
TO-220F-3L
Product Characteristics
IF(AV)
2 X 15A
VRRM
60V
VFM at 125℃
0.58V
IFSM
210A
1 2 3


Similar Part No. - SDB3060PI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results

Similar Description - SDB3060PI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com