Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSHI2512 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSHI2512
Description  IGBT Module Short Circuit SOA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSHI2512 Datasheet(HTML) 1 Page - Powersem GmbH

  PSHI2512 Datasheet HTML 1Page - Powersem GmbH PSHI2512 Datasheet HTML 2Page - Powersem GmbH PSHI2512 Datasheet HTML 3Page - Powersem GmbH PSHI2512 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IGBT Module
PSHI 25/12*
I
C25
= 30 A
V
CES
= 1200 V
V
CE(sat)typ. = 2.6 V
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Caution: These Devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
IGBTs
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
T
C = 25°C
30
A
I
C80
T
C = 80°C
21
A
I
CM
V
GE = ±15 V; RG = 82 Ω; TVJ = 125°C
35
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 82 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
130
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ. max.
V
CE(sat)
I
C = 25 A; VGE = 15 V; TVJ =
25°C
2.6
3.3
V
T
VJ = 125°C
2.9
V
V
GE(th)
I
C = 0.6 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES;VGE = 0 V;
T
VJ =
25°C
0.9 mA
T
VJ = 125°C
3.7 mA
I
GES
V
CE = 0 V; VGE =
± 20 V
100
nA
t
d(on)
100
ns
t
r
75
ns
t
d(off)
500
ns
t
f
70
ns
E
on
2.7
mJ
E
off
2.1
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
1
nF
R
thJC
(per IGBT)
0.96 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
1.92
K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 17.5 A
V
GE = 15/0 V; RG = 82 Ω
*NTC optional
Short Circuit SOA Capability
Square RBSOA
Features
NPT IGBT technology
low saturation voltage
low switching losses
square RBSOA, no latch up
high short circuit capability
positive temperature
coefficient for
easy
parallelling
MOS input, voltage controlled
ultra fast free wheeling
diodes
solderable pins for PCB
mounting
package with copper base
plate
Isolation voltage 3000 V
UL registered, E 148688
Advantages
space and weight savings
reduced protection circuits
package designed for wave
soldering
High power density
Easy to mount with two screws
Typical Applications
motor control
- DC motor armature winding
- DC motor excitation winding
- synchronous motor excitation winding
supply of transformer primary winding
- power supplies
- welding
- X-ray
- UPS
- battery charger
PSHI 25/12*
N9
P18
NTC
S18
F10
K10
A1
K13
H13


Similar Part No. - PSHI2512

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSHI25-06 POWERSEM-PSHI25-06 Datasheet
135Kb / 4P
   IGBT Module H-Bridge Configuration
PSHI25-12 POWERSEM-PSHI25-12 Datasheet
139Kb / 4P
   IGBT Module
PSHI25/06 POWERSEM-PSHI25/06 Datasheet
135Kb / 4P
   IGBT Module H-Bridge Configuration
PSHI25/12 POWERSEM-PSHI25/12 Datasheet
139Kb / 4P
   IGBT Module
PSHI2506 POWERSEM-PSHI2506 Datasheet
135Kb / 4P
   IGBT Module PSHI H-Bridge Configuration
More results

Similar Description - PSHI2512

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSHI50D12 POWERSEM-PSHI50D12 Datasheet
132Kb / 4P
   IGBT Module Short Circuit SOA Capability
PSHI50D06 POWERSEM-PSHI50D06 Datasheet
99Kb / 2P
   IGBT Module Short Circuit SOA Capability
logo
IXYS Corporation
MWI80-12T6K IXYS-MWI80-12T6K Datasheet
133Kb / 2P
   IGBT Module Sixpack Short Circuit SOA Capability Square RBSOA
IXSK80N60B IXYS-IXSK80N60B Datasheet
46Kb / 2P
   High Current IGBT Short Circuit SOA Capability
IXSN80N60BD1 IXYS-IXSN80N60BD1 Datasheet
594Kb / 6P
   IGBT with Diode Short Circuit SOA Capability
IXSN55N120A IXYS-IXSN55N120A Datasheet
71Kb / 2P
   High Voltage IGBT - Short Circuit SOA Capability
IXSN80N60A IXYS-IXSN80N60A Datasheet
71Kb / 2P
   High Current IGBT - Short Circuit SOA Capability
IXSH10N60 IXYS-IXSH10N60 Datasheet
217Kb / 4P
   High Speed IGBT - Short Circuit SOA Capability
IXSN62N60U1 IXYS-IXSN62N60U1 Datasheet
68Kb / 2P
   IGBT with Diode - Short Circuit SOA Capability
IXSN80N60AU1 IXYS-IXSN80N60AU1 Datasheet
96Kb / 4P
   IGBT with Diode - Short Circuit SOA Capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com