Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB1040-1 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SDB1040-1
Description  Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1040-1 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SDB1040-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1040-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1040-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1040-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1040-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. date: 10-JAN-12
KSD-D6B001-004
www.auk.co.kr
4 of 5
Package Outline Dimensions (Unit: mm)
※ Recommend PCB solder land (Unit: mm)
SDB1040


Similar Part No. - SDB1040-1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB1040 AUK-SDB1040 Datasheet
243Kb / 4P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB1040 KODENSHI-SDB1040 Datasheet
234Kb / 5P
   Schottky Barrier Rectifier
logo
AUK corp
SDB1040PH AUK-SDB1040PH Datasheet
304Kb / 4P
   Schottky Rectifier
logo
KODENSHI_AUK CORP.
SDB1040PH KODENSHI-SDB1040PH Datasheet
294Kb / 5P
   40V, 10A POWER SCHOTTKY RECTIFIER
SDB1040PH KODENSHI-SDB1040PH Datasheet
294Kb / 5P
   40V, 10A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB1040-1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com