Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSBDIN30A242528 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSBDIN30A242528
Description  DIN Ready Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSBDIN30A242528 Datasheet(HTML) 1 Page - Powersem GmbH

  PSBDIN30A242528 Datasheet HTML 1Page - Powersem GmbH PSBDIN30A242528 Datasheet HTML 2Page - Powersem GmbH PSBDIN30A242528 Datasheet HTML 3Page - Powersem GmbH PSBDIN30A242528 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIN Ready Solid State Relay
POWERSEM reserves the right to change limits, test conditions and dimensions -
info@POWERSEM.net - www.POWERSEM.net
” POWERSEM 2007 All rights reserved
HIGHLIGHTS
x
INPUT: AC CONTROL
x
OUTPUT: BACK-TO-BACK SCR
x
OPTO ISOLATION 2500 VAC (4000 V optional)
x
ZERO VOLTAGE TURN-ON or RANDOM TURN-ON
x
BUILT IN SAFETY COVER
x
REVERSE VOLTAGE PROTECTION FOR DC/AC RELAYS
x
BUILT IN SNUBBER FOR HIGH DV/DT
x
DIN MOUNT OR BACK PLATE MOUNTING
x
LED INDICATOR SHOWING RELAY 'ON' STATUS
(J: Zero voltage turn-on; K: Random turn-on)
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Type
Unit
PSB DIN 30A
241028
PSB DIN 30A
241628
PSB DIN 30A
242528
PSB DIN 30A
244028
AC CONTROL
Control voltage range
90-280
90-280
90-280
90-280
Vac
Control current range
4-25
4-25
4-25
4-25
mA
Pick-up voltage
90
90
90
90
Vac
Drop-out voltage
10
10
10
10
Vac
Input resistance
16-25
16-25
16-25
16-25
K ohm
OUTPUT
Mains control voltage
VRMS
24-240
24-240
24-240
24-240
Vac
Repetitive peak off state voltage
VDRM
600
600
600
600
Vpk
RMS on-state current
IT
10
16
25
40
A
Zero turn-on voltage
35
35
35
35
Vac
On-state voltage drop
VTM
1.6
1.6
1.8
1.8
Vac
Off-state leakage current @ rated voltage
IDRM
5
5
5
5
mA
Peak one cycle surge current (non-Rrep)
ITSM
100
250
1000
1000
A
Holding current
IH
75
120
250
250
mA
Critical rate of rise of off-state voltage
dv/dt
200
500
500
500
V/Ps
Thermal resistance (junction to case)
Rthjc
1.5
1.3
0.43
0.43
K/W
Frequency range
f
47-63
47-63
47-63
47-63
Hz
Storage temperature
Ts
-30 to +100
-30 to +100
-30 to +100
-30 to +100
°C
Operating temperature
TO
-30 to +80
-30 to +80
-30 to +80
-30 to +80
°C
Turn-on time
T-on
40
40
40
40
ms
Turn-off time
T-off
80
80
80
80
ms
Fusing current
I
2t
72
128
3700
3700
A
2s
ALL ELECTRICAL PARAMETERS MEASURED @ TA= 25 DEG C
released, E 197669


Similar Part No. - PSBDIN30A242528

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBDIN30A242528 POWERSEM-PSBDIN30A242528 Datasheet
201Kb / 4P
   DIN Ready Solid State Relay
More results

Similar Description - PSBDIN30A242528

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBDIN30A241028 POWERSEM-PSBDIN30A241028 Datasheet
201Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D241000 POWERSEM-PSBDIN30D241000 Datasheet
199Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30A48V660V POWERSEM-PSBDIN30A48V660V Datasheet
204Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D661000 POWERSEM-PSBDIN30D661000 Datasheet
195Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30A661028 POWERSEM-PSBDIN30A661028 Datasheet
204Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D24V240V POWERSEM-PSBDIN30D24V240V Datasheet
199Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D48V660V POWERSEM-PSBDIN30D48V660V Datasheet
195Kb / 4P
   DIN Ready Solid State Relay
logo
celduc-relais
SWM862080 CELDUC-SWM862080 Datasheet
231Kb / 2P
   Ready to use Solid State Relay
SWM841080 CELDUC-SWM841080 Datasheet
119Kb / 2P
   Ready to use Solid State Relay
SWM865080 CELDUC-SWM865080 Datasheet
130Kb / 2P
   Ready to use Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com