Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA79LXXA Datasheet(PDF) 4 Page - Boca Semiconductor Corporation

Part No. KA79LXXA
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

KA79LXXA Datasheet(HTML) 4 Page - Boca Semiconductor Corporation

  KA79LXXA Datasheet HTML 1Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 2Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 3Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 4Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 5Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 6Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 7Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 8Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 9Page - Boca Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA79LXXA
4
Electrical Characteristics(KA79L12A)
(VI = -19V, IO = 40mA, CI = 0.33
µF, CO = 0.1µF, 0°C ≤TJ ≤ +125°C, unless otherwise specified)
Note
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
-11.5 -12.0 -12.5
V
Line Regulation (Note1)
∆VO
TJ = +25
°C
-14.5V
≥VI ≥-27V
-
-
250
mV
-16V
≥VI ≥-27V
-
-
200
mV
Load Regulation (Note1)
∆VO
TJ = +25
°C
1.0mA
≤ IO ≤100mA
-
-
100
mV
1.0mA
≤ IO ≤40mA
-
-
50
mV
Output Voltage
VO
-14.5V
>VI > -27V, 1.0mA ≤IO ≤ 40mA -11.4
-
-12.6
V
VI = -19V, 1.0mA
≤ IO ≤ 70mA
-11.4
-
-12.6
V
Quiescent Current
IQ
TJ = +25
°C-
-
6.0
mA
TJ = +125
°C-
-
6.5
Quiescent Current
Change
with line
∆IQ
-16V
≥ VI ≥ -27V
-
-
1.5
mA
with load
∆IQ
1.0mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = +25
°C,10Hz ≤ f ≤ 100KHz
-
80
-
µV
Ripple Rejection
RR
f = 120Hz, -15V
≥ VI ≥ -25V
TJ = +25
°C
37
42
-
dB
Dropout Voltage
VD
TJ = +25
°C-
1.7
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC79LXXA 3-Terminal 0.1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
NJM79L24A 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More New Japan Radio
KA78LXXA 3-terminal 0.1A positive voltage regulator 1  2  3  4  5  More Fairchild Semiconductor
MC79MXX 3-Terminal 0.5A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
TS79L00 3-Terminal Low Current Negative Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
LM79LXXA 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1  2  3  4  5  More Boca Semiconductor Corporation
TS79M00 3-Terminal Medium Current Negative Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
MC78LXXA 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1  2  3  4  5  More Boca Semiconductor Corporation
KA7905 3-Terminal 1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
PL7905XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn