Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0456BA02444S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0456BA02444S
Description  456 MHz SAW Filter 2.5 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0456BA02444S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0456BA02444S Datasheet HTML 1Page - API Technologies Corp SF0456BA02444S Datasheet HTML 2Page - API Technologies Corp SF0456BA02444S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
456 MHz SAW Filter
2.5 MHz Bandwidth
Part Number: SF0456BA02444S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0456BA02444S
Rev A 29-Mar-2010
ECN 36650
Page 1 of 3
DESCRIPTION
456 MHz, 2.5 MHz bandwidth high performance IF SAW filter in 7x 5 mm surface mount package.
For WiMAX applications.
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal: 3 MHz/div
Vertical from top:
Relative Magnitude :
10
dB/div
Relative magnitude :
1
dB/div
Phase Linearity :
10
deg/div
Group Delay Deviation :
100
ns/div
S11 (441 to 471MHz)
S22 (441 to 471 MHz)


Similar Part No. - SF0456BA02444S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0456BA02444S SPECTRUM-SF0456BA02444S Datasheet
154Kb / 3P
   456 MHz SAW Filter 2.5 MHz Bandwidth
More results

Similar Description - SF0456BA02444S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0456BA02444S SPECTRUM-SF0456BA02444S Datasheet
154Kb / 3P
   456 MHz SAW Filter 2.5 MHz Bandwidth
SF0456BA02445S SPECTRUM-SF0456BA02445S Datasheet
155Kb / 3P
   456 MHz SAW Filter 3.7 MHz Bandwidth
logo
API Technologies Corp
SF0456BA02445S APITECH-SF0456BA02445S Datasheet
155Kb / 3P
   456 MHz SAW Filter 3.7 MHz Bandwidth
logo
TriQuint Semiconductor
857271 TRIQUINT-857271_15 Datasheet
766Kb / 6P
   456 MHz SAW Filter
856638 TRIQUINT-856638_15 Datasheet
385Kb / 6P
   456 MHz SAW Filter
856687 TRIQUINT-856687_15 Datasheet
1Mb / 9P
   456 MHz SAW Filter
856672 TRIQUINT-856672_15 Datasheet
442Kb / 6P
   456 MHz SAW Filter
logo
API Technologies Corp
SF0070BA03050S APITECH-SF0070BA03050S Datasheet
143Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
SF0088BA02430S APITECH-SF0088BA02430S Datasheet
265Kb / 3P
   88.5 MHz SAW Filter 2.5 MHz Bandwidth
SF0070BA03027T APITECH-SF0070BA03027T Datasheet
173Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com