Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-SMUI-L Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T89C51RD2-SMUI-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-SMUI-L Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T89C51RD2-SMUI-L Datasheet HTML 2Page - ATMEL Corporation T89C51RD2-SMUI-L Datasheet HTML 3Page - ATMEL Corporation T89C51RD2-SMUI-L Datasheet HTML 4Page - ATMEL Corporation T89C51RD2-SMUI-L Datasheet HTML 5Page - ATMEL Corporation T89C51RD2-SMUI-L Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-SMUI-L Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-SMUI-L Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-SMUI-L Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-SMUI-L Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
6
Rev. F - 15 February, 2001
T89C51RD2
12
10
15
14
13
11
16
17
18
19
20
21
22
23
24
25
26
P5.5
P0.3/AD3
P0.2/AD2
P5.6
P0.1/AD1
P0.0/AD0
P5.7
VCC
VSS1
P1.0/T2
P4.0
P1.1/T2EX
P1.2/ECI
P1.3/CEX0
P4.1
P1.4/CEX1
P4.2
2
3
5
6
7
4
1 686766 656463
60
59
58
57
56
55
36 37 38 39 40 41
29 30 31 32 33 34 35
27 28
42 43
48
49
50
51
52
53
54
P5.0
P2.4/A12
P2.3/A11
P4.7
P2.2/A10
P2.1/A9
P2.0/A8
VSS
P4.6
P4.5
XTAL1
XTAL2
NIC
PLCC 68
8
9
62 61
44
45
46
47
P4.4
P3.6/WR
P4.3
P3.7/RD
58
50
51
52
53
54
55
56
57
59
60
61
62
63
64
49
VSS
P2.3/A11
P4.7
P2.2/A10
P2.1/A9
P2.0/A8
P4.6
P4.5
NIC
XTAL1
XTAL2
P3.7/RD
P4.4
P4.3
P2.4/A12
P3.6/WR
42
34
35
36
37
38
39
40
41
43
44
45
46
47
48
33
P1.0/T2
P0.3/AD3
P0.2/AD2
P5.6
P0.1/AD1
P0.0/AD0
P5.7
VCC
VSS1
P4.0
P1.1/T2EX
P1.2/EC1
P1.3/CEX0
P4.1
P1.4/CEX1
P5.5
7
15
14
13
12
11
10
9
8
6
5
4
3
2
1
16
26
18 19 20 21 22 23 24 25
27 28 29 30 31 32
17
VQFP64 1.4
NIC: No InternalConnection


Similar Part No. - T89C51RD2-SMUI-L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-SMUIM ATMEL-T89C51RD2-SMUIM Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-SMUI-L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com