Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPI3000P Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

Part # OPI3000P
Description  Optically Coupled Isolator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

OPI3000P Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  OPI3000P Datasheet HTML 1Page - Bedford Opto Technology Ltd. OPI3000P Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60.0
EPOXY BACKFILL
2.54
0.46 Sq leads
min 15mm long
AK
EC
7.0
7.0
PLASTIC COMPONENT VERSION
OPI3000P
BEDFORD OPTO
WHITE ANODE DOT
OPI 3000P
Optically Coupled Isolator
30kV Isolation
MECHANICAL DATA
The OPI 30000P Optically Coupled Isolator consist of a Infrared emitter
coupled to a silicon photo transistor. The series is designed for
applications requiring high voltage isolation between input & output.
30kV Isolation
High current transfer ratio,>50% @10mA
Metal can version OPI30000MC with base connection also available.
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
26.04.11
ISS B
1/2
INPUT DIODE
FORWARD DC CURRENT
REVERSE DC VOLTAGE
POWER DISSIPATION
100mA
5 Volts
165mW (ii)
OUTPUT TRANSISTOR
COLLECTOR-EMITTER VOLTAGE
COLLECTOR CURRENT
POWER DISSIPATION
35 Volts
15 mA
165mW (iii)
OPERATING TEMP
-25
OC TO +100OC
STORAGE TEMP
-25
OC TO +100OC
INPUT-TO-OUTPUT ISOLATION VOLTAGE
+ 30KV DC (i)
SOLDERING TEMP 1.6mm from body max 5secs
240
OC
ABSOLUTE MAXIMUM RATINGS (25OC unless otherwise noted)
Pb
This
component
is RoHS
compliant


Similar Part No. - OPI3000P

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
   Optically Coupled Isolator 30kV Isolation
More results

Similar Description - OPI3000P

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
   OPTICALLY-COUPLED ISOLATOR
logo
TT Electronics.
OPI7002 TTELEC-OPI7002 Datasheet
582Kb / 3P
   Optically Coupled Isolator
logo
OPTEK Technologies
3C92C OPTEK-3C92C Datasheet
230Kb / 2P
   OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
K102P ETC1-K102P Datasheet
364Kb / 7P
   Optically Coupled Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com