Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61N0902NR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC61N0902NR
Description  Low Voltage Detectors Standard Voltage Detectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61N0902NR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC61N0902NR Datasheet HTML 6Page - Torex Semiconductor XC61N0902NR Datasheet HTML 7Page - Torex Semiconductor XC61N0902NR Datasheet HTML 8Page - Torex Semiconductor XC61N0902NR Datasheet HTML 9Page - Torex Semiconductor XC61N0902NR Datasheet HTML 10Page - Torex Semiconductor XC61N0902NR Datasheet HTML 11Page - Torex Semiconductor XC61N0902NR Datasheet HTML 12Page - Torex Semiconductor XC61N0902NR Datasheet HTML 13Page - Torex Semiconductor XC61N0902NR Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
XC61C Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Standard Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
02
46
8
10
Ta=85℃
-40℃
25℃
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
02
46
8
10
Ta=85℃
-40℃
25℃
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
02
46
8
10
Ta=85℃
-40℃
25℃
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
02
46
8
10
Ta=85℃
-40℃
25℃
XC61CC1802
(1.8V)
XC61CC2702
(2.7V)
XC61CC3602
(3.6V)
XC61CC4502
(4.5V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
(2) Detect, Release Voltage vs. Ambient Temperature
1.75
1.80
1.85
1.90
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VDR
VDF
2.65
2.70
2.75
2.80
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VDR
VDF
3.5
3.6
3.7
3.8
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VDR
VDF
4.4
4.5
4.6
4.7
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VDR
VDF
XC61CC1802
(1.8V)
XC61CC2702
(2.7V)
XC61CC4502
(4.5V)
XC61CC3602
(3.6V)
(1) Supply Current vs. Input Voltage


Similar Part No. - XC61N0902NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC61N0902NR

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
logo
Unisonic Technologies
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com