Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31506RUQT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31506RUQT
Description  6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31506RUQT Datasheet(HTML) 4 Page - Texas Instruments

  LMZ31506RUQT Datasheet HTML 1Page - Texas Instruments LMZ31506RUQT Datasheet HTML 2Page - Texas Instruments LMZ31506RUQT Datasheet HTML 3Page - Texas Instruments LMZ31506RUQT Datasheet HTML 4Page - Texas Instruments LMZ31506RUQT Datasheet HTML 5Page - Texas Instruments LMZ31506RUQT Datasheet HTML 6Page - Texas Instruments LMZ31506RUQT Datasheet HTML 7Page - Texas Instruments LMZ31506RUQT Datasheet HTML 8Page - Texas Instruments LMZ31506RUQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMZ31506
SNVS993 – JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over –40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 6 A,
CIN1 = 2 x 22 µF ceramic, CIN2 = 68 µF poly-tantalum, COUT1 = 4 x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0
6
A
VIN
Input bias voltage range
Over IOUT range
4.5
14.5
V
PVIN
Input switching voltage range
Over IOUT range
1.6(1)
14.5(2)
V
VIN = increasing
4.0
4.5
UVLO
VIN Undervoltage lockout
V
VIN = decreasing
3.5
3.85
VOUT(adj)
Output voltage adjust range
Over IOUT range
0.6(2)
5.5
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0A
±1.0% (3)
Temperature variation
-40°C
≤ TA ≤ +85°C, IOUT = 0A
±0.3%
VOUT
Line regulation
Over PVIN range, TA = 25°C, IOUT = 0A
±0.1%
Load regulation
Over IOUT range, TA = 25°C
±0.1%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5% (3)
VOUT = 5 V, fSW = 780 kHz
92 %
VOUT = 3.3 V, fSW = 630 kHz
91 %
VOUT = 2.5 V, fSW = 530 kHz
89 %
PVIN = VIN = 12 V
IO = 2 A
VOUT = 1.8 V, fSW = 480 kHz
88 %
VOUT = 1.2 V, fSW = 480 kHz
85 %
VOUT = 0.8 V, fSW = 480 kHz
80 %
η
Efficiency
PVIN = VIN = 5 V
VOUT = 3.3V, fSW = 630 kHz
95 %
IO = 2 A
VOUT = 2.5V, fSW = 530 kHz
93 %
VOUT = 1.8V, fSW = 480 kHz
91 %
VOUT = 1.2V, fSW = 480 kHz
89 %
VOUT = 0.8V, fSW = 480 kHz
85 %
VOUT = 0.6V, fSW = 250 kHz
83 %
Output voltage ripple
20 MHz bandwith
30
mVPP
ILIM
Overcurrent threshold
11
A
Recovery time
80
µs
1.0 A/µs load step
Transient response
from 50 to 100% IOUT(max)
VOUT over/undershoot
60
mV
VINH-H
Inhibit High Voltage
1.30
Open (4)
Inhibit Control
V
VINH-L
Inhibit Low Voltage
–0.3
1.05
INH Input current
INH < 1.1 V
-1.15
μA
INH Hysteresis current
INH > 1.26 V
-3.4
μA
II(stby)
Input standby current
INH pin to AGND
2
4
µA
Good
94%
VOUT rising
Fault
109%
PWRGD Thresholds
Power
Fault
91%
Good
VOUT falling
Good
106%
PWRGD Low Voltage
I(PWRGD) = 2 mA
0.3
V
fSW
Switching frequency
Over VIN and IOUT ranges, RT/CLK pin OPEN
200
250
300
kHz
fCLK
Synchronization frequency
250
780
kHz
VCLK-H
CLK High-Level
2.0
5.5
V
CLK Control
VCLK-L
CLK Low-Level
0.8
V
DCLK
CLK Duty cycle
20%
80%
Thermal shutdown
160
175
°C
Thermal Shutdown
Thermal shutdown hysteresis
10
°C
(1)
The minimum PVIN voltage is 1.6V or (VOUT+ 0.9V), whichever is greater. VIN must be greater than 4.5V.
(2)
The maximum PVIN voltage is 14.5V or (15 x VOUT), whichever is less.
(3)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(4)
This control pin has an internal pullup. If this pin is left open circuit, the device operates when input power is applied. A small low-
leakage MOSFET is recommended for control. See the application section for further guidance.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31506


Similar Part No. - LMZ31506RUQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506RUQT TI1-LMZ31506RUQT Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
More results

Similar Description - LMZ31506RUQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com