Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7960RHBTG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TRF7960RHBTG4
Description  MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF7960RHBTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF7960RHBTG4 Datasheet HTML 4Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 5Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 6Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 7Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 8Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 9Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 10Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 11Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TRF7960
TRF7961
SLOU186F
– AUGUST 2006 – REVISED AUGUST 2010
www.ti.com
4.4
ELECTRICAL CHARACTERISTICS
over temperature range VS = 5 V (unless otherwise noted)
TYP
–40°C
PARAMETER
CONDITIONS
MIN/
25
°C
TO
UNIT
MAX
110
°C
IPD
Supply current in power-down mode
All systems disabled, including supply-voltage regulators
1
10
μA
MAX
The reference voltage generator and the VDD_X remain
IPD2
Supply current in power-down mode 2
120
300
μA
MAX
active to support external circuitry.
Oscillator running, supply-voltage regulators in
ISTBY
Supply current in standby mode
1.5
4
mA
MAX
low-consumption mode
Supply current without antenna driver
Oscillator, regulators, Rx and AGC, are all active. Tx is
ION1
10
16
mA
MAX
current
off.
Supply current with antenna driver
Oscillator, regulators, Rx, AGC, and Tx are all active.
ION2
70
mA
MAX
current
Pout = 100 mW.
Supply current with antenna driver
Oscillator, regulators, Rx, AGC, and Tx are all active.
ION3
120
mA
MAX
current
Pout = 200 mW.
1.4
MIN
BG
Band Gap voltage
Internal analog reference voltage
1.6
V
1.7
MAX
1.4
MIN
VPOR
Power on reset voltage (POR)
2
V
2.5
MAX
3.1
MIN
VDD_A
Regulated supply for analog circuitry
3.5
V
3.8
MAX
4
MIN
VDD_RF
Regulated supply for RF circuitry
Regulator set for 5-V system with 250-mV difference.
4.6
V
5.2
MAX
3.1
MIN
VDD_X
Regulated supply for external circuitry
3.4
V
3.8
MAX
The difference between the external supply and the
Rejection of external supply noise on
PPSRR
regulated voltage is higher than 250 mV. Measured at
26
20
dB
MIN
the supply VDD_RF regulator
212 kHz.
Half-power mode
8
12
MAX
RRFOUT
PA driver output resistance
Full- power mode
4
6
MAX
5
MIN
RRFIN
RX_IN1 and RX_IN2 input resistance
10
k
20
MAX
VRFIN
Maximum input voltage
At RX_IN1 and RX_IN2 inputs
3.5
VPP
MAX
fSUB-CARRIER = 424 kHz
1.2
2.5
mVPP
MAX
VSENS
Input sensitivity
fSUB-CARRIER = 848 kHz
1.2
3
mVPP
MAX
tSET_PD
Set up time after power down
10
20
ms
MAX
tSET_STBY
Set up time after standby mode
30
100
μs
MAX
Recovery time after modulation
tREC
Modulation signal: sine, 424-kHz, 10-mVpp
60
μs
MAX
(ISO14443)
30
MIN
fSYS_CLK
SYS_CLK frequency
In PD2 mode EN = 0 and EN2 = 1
60
kHz
120
MAX
CLKMAX
Maximum CLK frequency
2
MHz
TYP
VIL
Input logic low
0.2
0.2
VDD_I/O
MAX
VIH
Input logic high
0.8
VDD_I/O
MIN
ROUT
Output resistance I/O_0 to I/O_7
low_io = H for VDD_I/O
< 2.7 V
400
800
MAX
RSYS_CLK
Output resistance SYS_CLK
low_io = H for VDD_I/O
< 2.7 V
200
400
MAX
8
ELECTRICAL SPECIFICATIONS
Copyright
© 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TRF7960 TRF7961


Similar Part No. - TRF7960RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
More results

Similar Description - TRF7960RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960 TI1-TRF7960_17 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com