Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7960RHBTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF7960RHBTG4
Description  MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF7960RHBTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TRF7960RHBTG4 Datasheet HTML 1Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 2Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 3Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 4Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 5Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 6Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 7Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 8Page - Texas Instruments TRF7960RHBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
TRF7960
TRF7961
www.ti.com
SLOU186F
– AUGUST 2006 – REVISED AUGUST 2010
1
Introduction
.............................................. 1
4.4
ELECTRICAL CHARACTERISTICS
................. 8
4.5
Application Schematic for the TRF796x EVM
1.1
Features
.............................................. 1
(Parallel Mode)
....................................... 9
1.2
APPLICATIONS
...................................... 1
4.6
Application Schematic for the TRF796x EVM (SPI
1.3
Description
........................................... 1
Mode)
............................................... 10
2
Description (continued)
................................ 4
5
System Description
................................... 11
3
Physical Characteristics
............................... 5
5.1
Power Supplies
..................................... 11
3.1
Terminal Functions
................................... 5
5.2
Receiver
– Analog Section
......................... 17
5.3
Register Descriptions
............................... 24
3.2
PACKAGING/ORDERING INFORMATION
.......... 6
5.4
Direct Commands From MCU to Reader
........... 34
4
ELECTRICAL SPECIFICATIONS
..................... 7
5.5
Reader Communication Interface
.................. 36
4.1
ABSOLUTE MAXIMUM RATINGS
.................. 7
5.6
Parallel Interface Communication
.................. 38
4.2
DISSIPATION RATINGS TABLE
.................... 7
5.7
Serial Interface Communication
.................... 40
4.3
RECOMMENDED OPERATING CONDITIONS
..... 7
5.8
External Power Amplifier Application
............... 44
Copyright
© 2006–2010, Texas Instruments Incorporated
Contents
3
Submit Documentation Feedback
focus.ti.com: TRF7960 TRF7961


Similar Part No. - TRF7960RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
More results

Similar Description - TRF7960RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960 TI1-TRF7960_17 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com