Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14006YDDCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14006YDDCR
Description  SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14006YDDCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMR14006YDDCR Datasheet HTML 5Page - Texas Instruments LMR14006YDDCR Datasheet HTML 6Page - Texas Instruments LMR14006YDDCR Datasheet HTML 7Page - Texas Instruments LMR14006YDDCR Datasheet HTML 8Page - Texas Instruments LMR14006YDDCR Datasheet HTML 9Page - Texas Instruments LMR14006YDDCR Datasheet HTML 10Page - Texas Instruments LMR14006YDDCR Datasheet HTML 11Page - Texas Instruments LMR14006YDDCR Datasheet HTML 12Page - Texas Instruments LMR14006YDDCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LMR14003, LMR14006
www.ti.com
SNVSA10 – NOVEMBER 2013
Enable (/SHDN) and VIN Under Voltage Lockout
LMR14003/6 /SHDN pin is a high voltage tolerant input with an internal pull up circuit. The device can be enabled
even if the /SHDN pin is floating. The regulator can also be turned on using 1.23V or higher logic signals. If the
use of a higher voltage is desired due to system or other constraints, a 100k
Ω or larger resistor is recommended
between the applied voltage and the /SHDN pin to protect the device. When /SHDN is pulled down to 0V, the
chip is turned off and enters the lowest shutdown current mode. In shutdown mode the supply current will be
decreased to approximately 1µA. If the shutdown function is not to be used the /SHDN pin may be tied to VIN.
The maximum voltage to the SHDN pin should not exceed 40V. LMR14003/6 has an internal UVLO circuit to
shutdown the output if the input voltage falls below an internally fixed UVLO threshold level. This ensures that
the regulator is not latched into an unknown state during low input voltage conditions. The regulator will power up
when the input voltage exceeds the voltage level. If there is a requirement for a higher UVLO voltage, the /SHDN
can be used to adjust the input voltage UVLO by using external resistors.
Current Limit
The LMR14003/6 implements current mode control which uses the internal COMP voltage to turn off the high
side MOSFET on a cycle-by-cycle basis. Each cycle the switch current and internal COMP voltage are
compared, when the peak switch current intersects the COMP voltage, the high side switch is turned off. During
overcurrent conditions that pull the output voltage low, the error amplifier will respond by driving the COMP node
high, increasing the switch current. The error amplifier output is clamped internally, which functions as a switch
current limit.
Overvoltage Transient Protection
The LMR14003/6 incorporates an overvoltage transient protection (OVTP) circuit to minimize voltage overshoot
when recovering from output fault conditions or strong unload transients on power supply designs with low value
output capacitance. For example, when the power supply output is overloaded the error amplifier compares the
actual output voltage to the internal reference voltage. If the FB pin voltage is lower than the internal reference
voltage for a considerable time, the output of the error amplifier will respond by clamping the error amplifier
output to a high voltage. Thus, requesting the maximum output current. Once the condition is removed, the
regulator output rises and the error amplifier output transitions to the steady state duty cycle. In some
applications, the power supply output voltage can respond faster than the error amplifier output can respond, this
actuality leads to the possibility of an output overshoot. The OVTP feature minimizes the output overshoot, when
using a low value output capacitor, by implementing a circuit to compare the FB pin voltage to OVTP threshold
which is 108% of the internal voltage reference. If the FB pin voltage is greater than the OVTP threshold, the
high side MOSFET is disabled preventing current from flowing to the output and minimizing output overshoot.
When the FB voltage drops lower than the OVTP threshold, the high side MOSFET is allowed to turn on at the
next clock cycle.
Thermal Shutdown
The device implements an internal thermal shutdown to protect itself if the junction temperature exceeds
170°C(typ). The thermal shutdown forces the device to stop switching when the junction temperature exceeds
the thermal trip threshold. Once the junction temperature decreases below 160°C(typ), the device reinitiates the
power up sequence.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMR14003 LMR14006


Similar Part No. - LMR14006YDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14006YDDCR TI1-LMR14006YDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

Similar Description - LMR14006YDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com