Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD88537ND Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD88537ND
Description  CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD88537ND Datasheet(HTML) 5 Page - Texas Instruments

  CSD88537ND Datasheet HTML 1Page - Texas Instruments CSD88537ND Datasheet HTML 2Page - Texas Instruments CSD88537ND Datasheet HTML 3Page - Texas Instruments CSD88537ND Datasheet HTML 4Page - Texas Instruments CSD88537ND Datasheet HTML 5Page - Texas Instruments CSD88537ND Datasheet HTML 6Page - Texas Instruments CSD88537ND Datasheet HTML 7Page - Texas Instruments CSD88537ND Datasheet HTML 8Page - Texas Instruments CSD88537ND Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0
3
6
9
12
15
18
21
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0.1
1
10
100
1000
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
10us
100us
1ms
10ms
DC
Single Pulse
Max RthetaJL = 20ºC/W
G001
10
100
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
CSD88537ND
www.ti.com
SLPS455 – JANUARY 2014
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 12. Maximum Drain Current vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD88537ND


Similar Part No. - CSD88537ND

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD88539ND TI1-CSD88539ND Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539NDT TI1-CSD88539NDT Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI-CSD88539ND_15 Datasheet
985Kb / 14P
[Old version datasheet]   CSD88539ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD88537ND

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD88539ND TI-CSD88539ND_15 Datasheet
985Kb / 14P
[Old version datasheet]   CSD88539ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com