Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24296 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24296
Description  I2C Controlled 3A Single Cell USB Charger
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24296 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24296 Datasheet HTML 1Page - Texas Instruments BQ24296 Datasheet HTML 2Page - Texas Instruments BQ24296 Datasheet HTML 3Page - Texas Instruments BQ24296 Datasheet HTML 4Page - Texas Instruments BQ24296 Datasheet HTML 5Page - Texas Instruments BQ24296 Datasheet HTML 6Page - Texas Instruments BQ24296 Datasheet HTML 7Page - Texas Instruments BQ24296 Datasheet HTML 8Page - Texas Instruments BQ24296 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
STAT
SCL
SDA
FBO
CONVERTER
CONTROL
PGND
REGN
BTST
REGN
PG(bq24296)
TSHUT
T
SHUT
IC T
J
TS
REGN
LDO
bq24296/297
PMID
RBFET (Q1)
VBUS
LSFET (Q3)
HSFET (Q2)
SW
BATFET (Q4)
SYS
BAT
CHARGE
CONTROL
STATE
MACHINE
I2C
Interface
INT
I
INDPM
I
CHG_REG
V
SYSMIN
V
BAT_REG
IC T
J
T
REG
BATLOWV
BAT
V
BATLOWV
SUSPEND
RECHRG
BAT
V
- V
BAT_REG
RECHG
REFRESH
V
BTST_REFRESH
V
BTST-SW
UCP
I
LSFET_UCP
I(Q3)
BATOVP
104%xV
BAT_REG
BAT
V
INDPM
PSEL(bq24296)
D+ (bq24297)
D– (bq24297)
USB Host
Adapter
Detection
OTG
EN_CHARGE
EN_BOOST
BAD_SRC
I
BADSRC
I
DC
BAT_GD
V
BATGD
BAT
EN_HIZ
USB
Adapter
TERMINATION
I
TERM
I
CHG
BATSHORT
BAT
V
SHORT
CONVERTER
CONTROL
STATE
MACHINE
Q2_OCP
I
HSFET_OCP
I(Q2)
SYS
BAT
REF
DAC
I
CHG_REG
V
VBUS_UVLOZ
UVLO
V
+V
BATZ
SLEEP
SLEEP
V
ACOV
ACOV
EN_HIZ
CE
ILIM
I
CHG
V
BAT_REG
Q4 Gate
Control
Q3_OCP_BOOST
I
OTG_LSOCP
I(Q3)
Q2_UCP_BOOST
I
OTG_HSZCP
I(Q2)
VBUS_OVP_BOOST
V
OTG_OVP
VBUS
BATTERY
THERMISTER
SENSING
Q1 Gate
Control
QON
bq24296
bq24297
www.ti.com
SLUSBP6A – SEPTEMBER 2013 – REVISED OCTOBER 2013
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296MRGER TI1-BQ24296MRGER Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296MRGET TI1-BQ24296MRGET Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
More results

Similar Description - BQ24296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
[Old version datasheet]   Controlled 2A Single Cell USB Charger
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com