Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24296 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24296
Description  I2C Controlled 3A Single Cell USB Charger
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24296 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24296 Datasheet HTML 1Page - Texas Instruments BQ24296 Datasheet HTML 2Page - Texas Instruments BQ24296 Datasheet HTML 3Page - Texas Instruments BQ24296 Datasheet HTML 4Page - Texas Instruments BQ24296 Datasheet HTML 5Page - Texas Instruments BQ24296 Datasheet HTML 6Page - Texas Instruments BQ24296 Datasheet HTML 7Page - Texas Instruments BQ24296 Datasheet HTML 8Page - Texas Instruments BQ24296 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
VBUS
PMID
D+
D–
STAT
SDA
SCL
INT
OTG
CE
SW
BTST
REGN
PGND
SYS
BAT
ILIM
TS
VREF
SYS: 3.5V-4.35V
SYS
bq24297
Power Pad
1 F
8.2 F
47nF
4.7 F
1 H
10kW
10 F
317W(1.5A max)
10kW
10kW
5V USB SDP/DCP
2.2kW
10 F
10 F
USB
Host
QON
REGN
4.2V
Optional
5.52kW
31.23kW
10kW
Charge Enable (0°C - 45°C)
VBUS
PMID
SDA
SCL
INT
OTG
CE
PSEL
SW
BOOT
REGN
PGND
SYS
BAT
ILIM
TS
SYS: 3.5V-4.35V
5V USB
SDP/DCP
bq24296
Power Pad
REGN
1 F
8.2 F
47nF
4.7 F
1 H
10 F
317W (1.5A max)
VREF
10kW
10kW
10kW
STAT
PG
SYS
2.2kW
PHY
Host
10 F
10 F
QON
4.2V
Optional
5.52kW
31.23kW
10kW
Charge Enable (0°C - 45°C)
bq24296
bq24297
SLUSBP6A – SEPTEMBER 2013 – REVISED OCTOBER 2013
www.ti.com
APPLICATION DIAGRAM
Figure 1. bq24296 with PSEL from PHY, charging from SDP/DCP, and Optional BATFET Enable Interface
Figure 2. bq24297 with USB D+/D- Detection, USB On-The-Go (OTG) and Optional BATFET Enable
Interface
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296MRGER TI1-BQ24296MRGER Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296MRGET TI1-BQ24296MRGET Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
More results

Similar Description - BQ24296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
[Old version datasheet]   Controlled 2A Single Cell USB Charger
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com