Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAZE156004C Datasheet(PDF) 44 Page - AVX Corporation

Part # TAZE156004C
Description  Introduction AVX Tantalum
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAZE156004C Datasheet(HTML) 44 Page - AVX Corporation

Back Button TAZE156004C Datasheet HTML 40Page - AVX Corporation TAZE156004C Datasheet HTML 41Page - AVX Corporation TAZE156004C Datasheet HTML 42Page - AVX Corporation TAZE156004C Datasheet HTML 43Page - AVX Corporation TAZE156004C Datasheet HTML 44Page - AVX Corporation TAZE156004C Datasheet HTML 45Page - AVX Corporation TAZE156004C Datasheet HTML 46Page - AVX Corporation TAZE156004C Datasheet HTML 47Page - AVX Corporation TAZE156004C Datasheet HTML 48Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
43
TAJ & TPS Marking
MARKING: TAJ SERIES
For TAJ, the positive end of body has videcon readable
polarity bar marking, with the AVX logo “A” as shown in the
diagram. Bodies are marked by indelible laser marking on top
surface with capacitance value, voltage and date of
manufacture. Due to the small size of the A, B, S and T
cases, a voltage code is used as shown to the right. R case
is an exception in which only the voltage and capacitance
values are printed.
Voltage Code
Rated Voltage
A, B, S and T Cases
at 85°C
F2
G4
J6.3
A10
C16
D20
E25
V35
T50
A, B, S and T Case:
1. Voltage Code
(see table)
2. Capacitance in µF
3. Date Code
C, D, E and V Case:
1. Capacitance in µF
2. Rated Voltage at 85°C
3. Date Code
POLARITY BAR INDICATES ANODE (+) TERMINATION
R Case:
1. Voltage
2. Capacitance in µF
2
µ2
6V
A10
µ
9814
A
68
µ
6.3
9819


Similar Part No. - TAZE156004C

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
AVX Corporation
TAZH686K004CBSB0000 AVX-TAZH686K004CBSB0000 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSB0H00 AVX-TAZH686K004CBSB0H00 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSBT000 AVX-TAZH686K004CBSBT000 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSBTH00 AVX-TAZH686K004CBSBTH00 Datasheet
351Kb / 15P
   TAZ Series
More results

Similar Description - TAZE156004C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
EC927 ETC2-EC927 Datasheet
3Mb / 9P
   Introduction
WD8110 ETC1-WD8110 Datasheet
14Mb / 249P
   INTRODUCTION
logo
Samsung semiconductor
KA9257 SAMSUNG-KA9257 Datasheet
82Kb / 5P
   INTRODUCTION
logo
Freescale Semiconductor...
U-MULTILINK-FX FREESCALE-U-MULTILINK-FX Datasheet
416Kb / 4P
   Introduction
logo
Nanjing Qinheng Microel...
CH5340 WCH-CH5340 Datasheet
82Kb / 2P
   Single Card IntroductIon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com