Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST4-30-1.50-L-D-P-TR Datasheet(PDF) 1 Page - Samtec, Inc

Part # ST4-30-1.50-L-D-P-TR
Description  ULTRA FINE PITCH HEADER & SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ST4-30-1.50-L-D-P-TR Datasheet(HTML) 1 Page - Samtec, Inc

  ST4-30-1.50-L-D-P-TR Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(0,40mm) .01575"
SS4, ST4 SERIES
SS4–20–3.00–L–D–K–TR
SS4–40–3.00–L–D–K–TR
ST4–40–1.00–L–D–P–TR
ST4–20–1.00–L–D–P–TR
WWW.SAMTEC.COM
F-211-1
SS4 Mates with:
ST4
ST4 Mates with:
SS4
Note: Some lengths,
styles and options are
non-standard, non-returnable.
SPECIFICATIONS
(0,40) .01575
(5,00)
.197
(4,35)
.171
A
(0,15) .006
No. of positions x
(0,40) .01575 + (3,54) .139
B
(4,00)
.157
No. of positions x
(0,40) .01575 + (1,58) .062
(3,70)
.146
A
B
(0,20) .008
(0,40) .01575
For complete specifications
and recommended PCB layouts
see www.samtec.com?SS4 or
www.samtec.com?ST4
Insulator Material:
Black LCP
Contact Material:
Phosphor Bronze
Plating:
Au or Sn over 50µ" (1,27µm) Ni
Operating Temp Range:
-55°C to +125°C
Current Rating:
1.3A @ 80°C ambient
RoHS Compliant:
Yes
Processing:
Lead-Free Solderable:
Yes
SMT Lead Coplanarity:
(0,10mm) .004" max
SS4
POSITIONS
PER ROW
KTR
–10, –20,
–30, –40, –50
LEAD
STYLE
–3.00
= 3.00mm
–3.50
= 3.50mm
–L
= 10µ" (0,25µm)
Gold on contact,
Matte Tin on tail
(Required
in callout)
–TR
= Tape &
Reel
(Required
in callout)
–K
= (3,51mm)
.138" DIA
Polyimide
Film Pick &
Place Pad
PLATING
OPTION
MATED HEIGHT
SS4
ST4
MATED
HEIGHT
LEAD
STYLE
AB
(1,00)
.039
(1,50)
.059
(2,50)
.098
(3,08)
.121
(3,58)
.141
(4,58)
.180
–1.00
–1.50
–2.50
LEAD
STYLE
AB
(2,85)
.112
(3,35)
.132
(3,50)
.138
(4,00)
.157
–3.00
–3.50
4mm Stack
Height
Rated @ 3dB
Insertion Loss
Single-Ended
Signaling
7.0 GHz / 14 Gbps
Differential
Pair Signaling
4.5 GHz / 9 Gbps
Complete test data available
at www.samtec.com?SS4,
www.samtec.com?ST4 or
contact sig@samtec.com
ST4
LEAD
STYLE
–3.00
–3.50
(4,00) .157
(4,50) .177
(5,50) .217
(4,50) .177
(5,00) .197
(6,00) .236
–1.00
–1.50
–2.50
MATED HEIGHT*
SS4 LEAD STYLE
*Processing conditions will
affect mated height.
ULTRA FINE PITCH HEADER & SOCKET
D
ST4
POSITIONS
PER ROW
PTR
–10, –20,
–30, –40, –50
LEAD
STYLE
–1.00
= 1.00mm
–1.50
= 1.50mm
–2.50
= 2.50mm
–L
= 10µ" (0,25µm)
Gold on contact,
Matte Tin on tail
(Required
in callout)
–TR
= Tape &
Reel
(Required
in callout)
–P
= Pick &
Place Pad
PLATING
OPTION
D


Similar Part No. - ST4-30-1.50-L-D-P-TR

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
ST4-30 SUPERWORLD-ST4-30 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - ST4-30-1.50-L-D-P-TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
643416-1 MACOM-643416-1 Datasheet
65Kb / 1P
   SOCKET HEADER ASSEMBLY
207610-7 MACOM-207610-7 Datasheet
47Kb / 1P
   SOCKET HEADER ASSEMBLY
logo
Wurth Elektronik GmbH &...
6130XX11821 WURTH-6130XX11821 Datasheet
216Kb / 1P
   2.54MM SOCKET HEADER
6130XX21821 WURTH-6130XX21821 Datasheet
379Kb / 1P
   2.54MM DUAL SOCKET HEADER
6130XX143121 WURTH-6130XX143121 Datasheet
1Mb / 2P
   2.54MM ANGLED SOCKET HEADER
61300411821 WURTH-61300411821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
61300811821 WURTH-61300811821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
61301311821 WURTH-61301311821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
61302011821 WURTH-61302011821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
61301611821 WURTH-61301611821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com