Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX041303P5055 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PX041303P5055
Description  400 Series Buccaneer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX041303P5055 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PX041303P5055 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX041303P5055 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bulgin.co.uk
1
BUCCANEER
Mates with Flex Cable
connector PX0410
PCB mount panel plug &
socket
Straight PC spills
Supplied with Gold Plated
contacts
4, 6 or 8 pole
PX0413/xxS/PC
PX0413/xxP/PC
400 Series Buccaneer®
PCB MOUNTING CONNECTOR
Mates with PX0410
Rear panel mounting
Single hole fixing
Contacts supplied separately
4, 6 or 8 pole
PX0413/xxS
PX0413/xxP
REAR PANEL MOUNTING CONNECTOR
Sockets
Pins
Contact Nos viewed from rear of panel
Contact Nos viewed from rear of panel


Similar Part No. - PX041303P5055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX041303P5055 ETC1-PX041303P5055 Datasheet
1Mb / 6P
   IP68 rating tested at 1.054kg/sq cm (15lb/sq in) 10m depth for 2 weeks
More results

Similar Description - PX041303P5055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
   4000 Series Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
   USB Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
   BUCCANEER FOR POWER
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
   IP68 Sealed - Mini USB Buccaneer
logo
II-VI Marlow, Inc.
CT-400 VIMARLOW-CT-400 Datasheet
322Kb / 2P
   Climatherm 400 Series
logo
MicroPower Direct, LLC
MPU-400S MPD-MPU-400S Datasheet
411Kb / 2P
   MPU-400 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com