Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5551 Datasheet(PDF) 1 Page - Boca Semiconductor Corporation

Part No. 2N5551
Description  NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOCA [Boca Semiconductor Corporation]
Homepage  http://www.bocasemi.com
Logo 

2N5551 Datasheet(HTML) 1 Page - Boca Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
2N5551
TO- 92
CBE
High Voltage NPN Transistor For General Purpose And Telephony Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
160
V
Collector -Base Voltage
VCBO
180
V
Emitter -Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
600
mA
Power Dissipation @Ta=25 degC
PD
625
mW
Derate Above 25 deg C
5.0
mw/deg C
Power Dissipation @Tc=25 degC
PD
1.5
W
Derate Above 25 deg C
12
mw/deg C
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
125
deg C/W
Junction to Ambient
Rth(j-a) (1)
357
deg C/W
(1) Rth (j-a) is measured with the device soldered into a typical printed circuit board
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=1mA,IB=0
160
-
-
V
Collector -Base Voltage
VCBO
IC=100uA.IE=0
180
-
-
V
Emitter -Base Voltage
VEBO
IE=10uA, IC=-0
6.0
-
-
V
Collector-Cut off Current
ICBO
VCB=160V, IE=0
-
-
50
nA
Ta=100 deg C
VCB=160V, IE=0
-
-
50
uA
Emitter-Cut off Current
IEBO
VEB=4V, IC=0
-
-
50
nA
DC Current Gain
hFE*
IC=1mA,VCE=5V
80
-
-
IC=10mA,VCE=5V
80
-
250
IC=50mA,VCE=5V
30
-
-
Collector Emitter Saturation Voltage
VCE(Sat)* IC=10mA,IB=1mA
-
-
0.15
V
IC=50mA,IB=5mA
-
-
0.2
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=10mA,IB=1mA
-
-
1.0
V
IC=50mA,IB=5mA
-
-
1.0
V
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 3
http://www.bocasemi.com
page: 1
Boca Semiconductor Corp.
BSC


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn