Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK0860P Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SMK0860P
Description  SWITCHING REGULATOR APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK0860P Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SMK0860P Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0860P Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0860P Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0860P Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0860P Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0860P Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0860P Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0860P Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T0P024-000
3
SMK0860P
Fig. 4 IS - VSD
-
VGS
Top
7.0V
6.5V
6.0V
5.5V
5.0V
4.5V
Buttom: 4.0V
Fig. 1 ID - VDS
Fig. 3 RDS(on) - ID
Fig.6 VGS - QG
Electrical Characteristic Curves
Fig. 2 ID - VGS
Fig. 5 Capacitance - VDS


Similar Part No. - SMK0860P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK0860P KODENSHI-SMK0860P Datasheet
426Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
logo
VBsemi Electronics Co.,...
SMK0860P VBSEMI-SMK0860P Datasheet
1Mb / 9P
   N-Channel 600V (D-S) Power MOSFET
More results

Similar Description - SMK0860P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com