Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBE63C-U2V2-35 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LBE63C-U2V2-35
Description  Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBE63C-U2V2-35 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBE63C-U2V2-35 Datasheet HTML 5Page - OSRAM GmbH LBE63C-U2V2-35 Datasheet HTML 6Page - OSRAM GmbH LBE63C-U2V2-35 Datasheet HTML 7Page - OSRAM GmbH LBE63C-U2V2-35 Datasheet HTML 8Page - OSRAM GmbH LBE63C-U2V2-35 Datasheet HTML 9Page - OSRAM GmbH LBE63C-U2V2-35 Datasheet HTML 10Page - OSRAM GmbH LBE63C-U2V2-35 Datasheet HTML 11Page - OSRAM GmbH LBE63C-U2V2-35 Datasheet HTML 12Page - OSRAM GmbH LBE63C-U2V2-35 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LB E63C, LV E63C, LT E63C
2006-04-13
9
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
LT;
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
LB;
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 18
Dominant Wavelength
2) page 18
LV;
λ
dom = f (IF); TA = 25 °C
I
OHL00882
510
dom
λ
0
mA
nm
20
40
60
80
120
515
520
525
530
535
540
550
f
true green
I
OHL10196
467
dom
λ
0
mA
nm
20
40
60
80
120
468
469
470
471
472
473
474
blue
f
I
OHL10198
498
dom
λ
0
mA
nm
20
40
60
80
120
500
502
504
506
508
510
512
verde
F


Similar Part No. - LBE63C-U2V2-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C-S2U1-35 OSRAM-LBE63C-S2U1-35 Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LBE63C-T2AA-35-24 OSRAM-LBE63C-T2AA-35-24 Datasheet
1Mb / 22P
   Backlighting
More results

Similar Description - LBE63C-U2V2-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE67C OSRAM-LBE67C Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com