Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK630F-DATASHEET Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SMK630F-DATASHEET
Description  DC-DC CONVERTER APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK630F-DATASHEET Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SMK630F-DATASHEET Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK630F-DATASHEET Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK630F-DATASHEET Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK630F-DATASHEET Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK630F-DATASHEET Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK630F-DATASHEET Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK630F-DATASHEET Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK630F-DATASHEET Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T0O043-002
2
SMK630F
Electrical Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0
200
-
-
V
Gate threshold voltage
VGS(th)
ID=250uA, VDS=VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=200V, VGS=0V
-
-
1
uA
Gate leakage current
IGSS
VDS=0V, VGS=30V
-
-
100
nA
Drain-source on-resistance
RDS(ON)
VGS=10V, ID=4.5A
-
0.34
0.40
Forward transfer conductance
gfs
VDS=10V, ID=4.5A
-
5.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
420
525
pF
Output capacitance
Coss
-
99
128
Reverse transfer capacitance
Crss
-
24
28
Turn-on delay time
td(on)
VDD=100V, ID=9A
RG=25Ω
-
11
-
ns
Rise time
tr
-
92
-
Turn-off delay time
td(off)
-
70
-
Fall time
tf
-
72
-
Total gate charge
Qg
VDS=160V, VGS=10V
ID=9A
-
12
17
nC
Gate-source charge
Qgs
-
2.4
-
Gate-drain charge
Qgd
-
3.5
-
Source-Drain Diode Ratings and Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Source current (DC)
IS
Integral reverse diode
in the MOSFET
-
-
9
A
Source current (Pulsed)
ISM
-
-
36
Forward voltage
VSD
VGS=0V, IS=9A
-
-
1.4
V
Reverse recovery time
trr
IS=9A, VGS=0V
dIF/dt=100A/us
-
158
-
ns
Reverse recovery charge
Qrr
-
0.97
-
uC
Note ;
Repetitive rating : Pulse width limited by maximum junction temperature
L=4.3mH, IAS=9A, VDD=50V, RG=25Ω, Starting TJ=25℃
Pulse Test : Pulse width≤300us, Duty cycle≤2%
Essentially independent of operating temperature


Similar Part No. - SMK630F-DATASHEET

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
logo
VBsemi Electronics Co.,...
SMK630F VBSEMI-SMK630F Datasheet
2Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - SMK630F-DATASHEET

ManufacturerPart #DatasheetDescription
logo
shenzhen wanhexing Elec...
AO4496 WHXPCB-AO4496 Datasheet
2Mb / 5P
   DC-DC converter application
logo
KODENSHI_AUK CORP.
SMK730F KODENSHI-SMK730F Datasheet
546Kb / 8P
   DC-DC CONVERTER APPLICATION
SMK1625D2-1 KODENSHI-SMK1625D2-1 Datasheet
405Kb / 8P
   DC-DC CONVERTER APPLICATION
SMK1820D-1 KODENSHI-SMK1820D-1 Datasheet
371Kb / 8P
   DC-DC CONVERTER APPLICATION
SMK630D-DATASHEET KODENSHI-SMK630D-DATASHEET Datasheet
410Kb / 8P
   DC-DC CONVERTER APPLICATION
SMK730F-1 KODENSHI-SMK730F-1 Datasheet
546Kb / 8P
   DC-DC CONVERTER APPLICATION
logo
Murata Power Solutions ...
MYGTM01210BZN MURATA-PS-MYGTM01210BZN Datasheet
423Kb / 17P
   DC-DC Converter Application Manual
logo
Toshiba Semiconductor
SSM6K32TU TOSHIBA-SSM6K32TU Datasheet
612Kb / 6P
   Relay drive, DC/DC converter application
logo
KODENSHI_AUK CORP.
SMN09L20D KODENSHI-SMN09L20D Datasheet
404Kb / 8P
   DC-DC CONVERTER APPLICATION HIGH VOLTAGE SWITCHING APPLICATIONS
logo
MORNSUN Science& Techno...
QA01 MORNSUN-QA01 Datasheet
677Kb / 5P
   Application Design For IGBT Driver DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com