Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM611416C Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # CM611416C
Description  POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

CM611416C Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  CM611416C Datasheet HTML 1Page - Power Analog Micoelectronics CM611416C Datasheet HTML 2Page - Power Analog Micoelectronics CM611416C Datasheet HTML 3Page - Power Analog Micoelectronics CM611416C Datasheet HTML 4Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
160 Amperes / 800 to 1800 Volts
Revision Date: 08/31/2011
CD61__16C, CS61__16C
CC61__16C, CN61__16C
®
Outline Dimensions
Dimension
Inches
Millimeters
A
3.70
94
B
1.34
34
C
1.15
29.2
D
3.15
80
E
0.94
24
F
0.91
23
G
0.51
13
H
0.35
9
J
M6
M6
K
0.24
6.2
Note: Dimensions are for reference only.
Ordering Information:
Select the complete nine digit module
part number from the table below.
Example: CD611616C is a 1600Volt,
160 Ampere Dual Diode Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
Version
CD61
CN61
CC61
CS61
08
12
14
16
18
16
(160 A)
C
Description:
Powerex Single and Dual Diode
Modules are designed for use in
applications requiring rectification and
isolated packaging. The modules are
isolated for easy mounting with other
components on a common heatsink.
Features:
 Electrically Isolated Heatsinking
 Compression bonded construction
 Low Thermal Impedance
for Improved Current Capability
 RoHS Compliant
 UL Recognized (E78240)
Benefits:
 No Additional Insulation
Components Required
 Easy Installation
 No Clamping Components
Required
 Reduce Engineering Time
Applications:
 Power Supplies
 Bridge Circuits
 AC & DC Motor Drives
 Battery Supplies
 Large IGBT Circuit Front Ends
 Welders


Similar Part No. - CM611416C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CM611416C PAM-CM611416C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CM611416C PAM-CM611416C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CM611416C PAM-CM611416C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
More results

Similar Description - CM611416C

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
CC611216C PAM-CC611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC610816C PAM-CC610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611016C PAM-CC611016C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC612016C PAM-CC612016C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CD410899C POWEREX-CD410899C Datasheet
476Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
logo
Power Analog Micoelectr...
CC612216C PAM-CC612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CC612416C PAM-CC612416C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com