Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27537DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27537DBVR
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27537DBVR Datasheet(HTML) 4 Page - Texas Instruments

  UCC27537DBVR Datasheet HTML 1Page - Texas Instruments UCC27537DBVR Datasheet HTML 2Page - Texas Instruments UCC27537DBVR Datasheet HTML 3Page - Texas Instruments UCC27537DBVR Datasheet HTML 4Page - Texas Instruments UCC27537DBVR Datasheet HTML 5Page - Texas Instruments UCC27537DBVR Datasheet HTML 6Page - Texas Instruments UCC27537DBVR Datasheet HTML 7Page - Texas Instruments UCC27537DBVR Datasheet HTML 8Page - Texas Instruments UCC27537DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
UCC27531
UCC27533, UCC27536
UCC27537, UCC27538
SLUSBA7D – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VDD = 18 V, TA = TJ = -40°C to 140°C, 1-µF capacitor from VDD to GND, f = 100 kHz. Currents are
positive into, negative out of the specified terminal. OUTH and OUTL are tied together for UCC27531/8. Typical condition
specifications are at 25°C.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Bias Currents
VDD = 7.0, IN, EN=VDD
100
200
300
IDDoff
Startup current (UCC25731)
IN, EN = GND
100
217
300
VDD = 7.0, IN+ = GND, IN- = VDD
100
200
300
IDDoff
Startup current (UCC27533)
IN+ = VDD, IN- = GND
100
217
300
VDD = 7.0, IN- = GND, EN = VDD
100
217
300
IDDoff
Startup current (UCC27536)
μA
IN- = VDD, EN = GND
100
217
300
VDD =7.0, IN+, EN = VDD
100
200
300
IDDoff
Startup current (UCC27537)
IN+, EN = GND
100
217
300
VDD = 7.0, IN1, IN2=VDD
100
200
300
IDDoff
Startup Current (UCC27538)
IN1, IN2=GND
100
200
300
Under Voltage Lockout (UVLO)
VON
Supply start threshold
8.0
8.9
9.8
Minimum operating voltage
VOFF
7.3
8.2
9.1
V
after supply start
VDD_H
Supply voltage hysteresis
0.7
Input (IN, IN+, IN1, IN2)
Input signal high threshold,
Output High, IN- = LOW, EN=HIGH, IN2 or IN1 =
VIN_H
1.8
2.0
2.2
output high
HIGH (other is INPUT)
Input signal low threshold,
Output Low, IN- = LOW, EN=HIGH, IN2 or IN1 =
V
VIN_L
0.8
1.0
1.2
output low
HIGH (other is INPUT)
VIN_HYS
Input signal hysteresis
1.0
Input (IN-)
Input signal high threshold,
VIN_H
Output low, IN+ = HIGH, EN = High
1.7
1.9
2.1
output low
Input signal low threshold,
V
VIN_L
Output high,, IN+ = HIGH, EN = High
0.8
1.0
1.2
output high
VIN_HYS
Input signal hysteresis
0.9
Enable (EN)
VEN_H
Enable signal high threshold
Output High
1.7
1.9
2.1
VEN_L
Enable signal low threshold
Output Low
0.8
1.0
1.2
V
VEN_HYS
Enable signal hysteresis
0.9
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: UCC27531 UCC27533, UCC27536 UCC27537, UCC27538


Similar Part No. - UCC27537DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27537DBVR TI1-UCC27537DBVR Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27537DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI1-UCC27531_15 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1 Datasheet
994Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com