Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4036 Datasheet(PDF) 1 Page - Boca Semiconductor Corporation

Part No. 2N4036
Description  PNP SILICON PLANAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

2N4036 Datasheet(HTML) 1 Page - Boca Semiconductor Corporation

  2N4036 Datasheet HTML 1Page - Boca Semiconductor Corporation 2N4036 Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP SILICON PLANAR TRANSISTOR
2N4036
TO-39
General Purpose Transistor
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
65
V
Collector -Base Voltage
VCBO
90
V
Emitter Base Voltage
VEBO
7.0
V
Base Current
IB
0.5
A
Collector Current -Continuous
IC
1.0
A
Power Dissipation @ Tc=25 deg C
PD
5.0
W
Linear Derating Factor
28.6
mW/deg C
Power Dissipation @ Ta=25 deg C
PD
1.0
W
Linear Derating Factor
5.72
mW/deg C
Operating & Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
Lead Temperature 1/16" from Case
TL
230
deg C
for 10 Seconds
Thermal Resistance
Junction to Case
Rth (j-c)
35
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
65
-
V
Collector -Base Voltage
VCBO
IC=100uA, IE=0
90
-
-
V
Collector Cut off Current
ICEX
VCE=85V, VBE=1.5V
-
-
0.1
mA
ICBO
VCB=90V, IE=0
-
1.0
uA
Emitter Cut off Current
IEBO
VBE=7V, IC=0
-
10
uA
DC Current Gain
hFE
0.1mA, VCE=10V
20
-
-
IC=150mA, VCE=2V
20
200
IC=150mA, VCE=10V
40
-
140
IC=500mA, VCE=10V
20
-
Collector -Emitter (sat) Voltage
VCE(sat) IC=150mA, IB=15mA
-
0.65
V
Base -Emitter (sat) Voltage
VBE(sat) IC=150mA, IB=15mA
-
1.4
V
Small- Signal Characteristics
Current Gain- High Frequency
lhfel
IC=50mA,VCE=10V, f=20MHz
3.0
-
-
Switching Characteristics
Rise time
tr
IB1=15mA,IC=150mA, VCE=30V
-
70
ns
Sorage time
ts
IB2=15mA,IC=150mA, VCE=30V
-
600
ns
Fall time
tf
IB2=15mA,IC=150mA, VCE=30V
-
100
ns
Turn-on time
ton
IC=150mA, VCE=30V, IB1=IB2=
-
110
ns
Turn-off time
toff
15mA
-
700
ns
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 2
Boca Semiconductor Corp.
BSC
http://www.bocasemi.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn