Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1526 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC1526
Description  Regulating Pulse Width Modulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1526 Datasheet(HTML) 3 Page - Texas Instruments

  UC1526 Datasheet HTML 1Page - Texas Instruments UC1526 Datasheet HTML 2Page - Texas Instruments UC1526 Datasheet HTML 3Page - Texas Instruments UC1526 Datasheet HTML 4Page - Texas Instruments UC1526 Datasheet HTML 5Page - Texas Instruments UC1526 Datasheet HTML 6Page - Texas Instruments UC1526 Datasheet HTML 7Page - Texas Instruments UC1526 Datasheet HTML 8Page - Texas Instruments UC1526 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS:
PARAMETER
TEST CONDITIONS
UC1526 / UC2526
UC3526
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Oscillator Section (Note 5)
Initial Accuracy
TJ = + 25°C
±3
±8
±3
±8%
Voltage Stability
+VIN = 8 to 35V
0.5
1
0.5
1
%
Temperature Stability
Over Operating TJ
710
3
5
%
Minimum Frequency
RT = 150k
Ω, CT = 20µµF1
1
Hz
Maximum Frequency
RT = 2k
Ω, CT = 1.0nF
400
400
kHz
Sawtooth Peak Voltage
+VIN = 35V
3.0
3.5
3.0
3.5
V
Sawtooth Valley Voltage
+VIN = 8V
0.5
1.0
0.5
1.0
V
Error Amplifier Section (Note 6)
Input Offset Voltage
RS
≤≤ 2kΩ
25
2
10
mV
Input Bias Current
-350
-1000
-350
-2000
nA
Input Offset Current
35
100
35
200
nA
DC Open Loop Gain
RL
≥ 10MΩ
64
72
60
72
dB
HIGH Output Voltage
VPIN1-VPIN2
≥≥ 150mV, ISOURCE =
100
µµA
3.6
4.2
3.6
4.2
V
LOW Output Voltage
VPIN2-VPIN1
≥≥ 150mV, ISINK = 100µµA
0.2
0.4
0.2
0.4
V
Common Mode Rejection
Rs
≤ 12kΩ
70
94
70
94
dB
Supply Voltage Rejection
+VIN = 12 to 18V
66
80
66
80
dB
PWM Comparator (Note 5)
Minimum Duty Cycle
VCOMPENSATION = +0.4V
0
0
%
Maximum Duty Cycle
VCOMPENSATION = +3.6V
45
49
45
49
%
Digital Ports (SYNC, SHUTDOWN, and RESET)
HIGH Output Voltage
ISOURCE =40
µµA
2.4
4.0
2.4
4.0
V
LOW Output Voltage
ISINK = 3.6mA
0.2
0.4
0.2
0.4
V
HIGH Input Current
VIH = +2.4V
-125
-200
-125
-200
µA
LOW Input Current
VIL = +0.4V
-225
-360
-225
-360
µA
Current LImit Comparator (Note 7)
Sense Voltage
RS
≤≤ 50Ω
90
100
110
80
100
120
mV
Input Bias Current
-3
-10
-3
-10
µA
Soft-Start Section
Error Clamp Voltage
RESET = +0.4V
0.1
0.4
0.1
0.4
V
Cs Charging Current
RESET =+2.4V
50
100
150
50
100
150
µA
Output Drivers (Each Output) (Note 8)
HIGH Output Voltage
ISOURCE = 20mA
12.5
13.5
12.5
13.5
V
ISOURCE = 100mA
12
13
12
13
V
LOW Output Voltage
ISINK = 20mA
0.2
0.3
0.2
0.3
V
ISINK = 100mA
1.2
2.0
1.2
2.0
V
Collector Leakage
VC = 40V
50
150
50
150
µA
Rise Time
CL = 1000pF
0.3
0.6
0.3
0.6
µs
Fall Time
CL = 1000pF
0.1
0.2
0.1
0.2
µs
Power Consumption (Note 9)
Standby Current
SHUTDOWN
____________
=
+0.4V
18
30
18
30
mA
+VIN = 15V, and over operating ambient temperature, unless otherwise
specified, TA = TJ.
UC1526
UC2526
UC3526
Note 4: IL = 0mA.
Note 5: FOSC = 40kHz (RT = 4.12k
Ω ± 1%, CT = 0.1µF ± 1%,
RD = 0
Ω)
Note 6: VCM = 0 to +5.2V
Note 8: VC = +15V
Note 9: +VIN = +35V, RT = 4.12k
3


Similar Part No. - UC1526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1526 TI-UC1526 Datasheet
614Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI1-UC1526 Datasheet
615Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526 Datasheet
678Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526A TI-UC1526A Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

Similar Description - UC1526

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com