Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5405 Datasheet(PDF) 7 Page - Texas Instruments

Part # PT5405
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5405 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT5405 Datasheet HTML 3Page - Texas Instruments PT5405 Datasheet HTML 4Page - Texas Instruments PT5405 Datasheet HTML 5Page - Texas Instruments PT5405 Datasheet HTML 6Page - Texas Instruments PT5405 Datasheet HTML 7Page - Texas Instruments PT5405 Datasheet HTML 8Page - Texas Instruments PT5405 Datasheet HTML 9Page - Texas Instruments PT5405 Datasheet HTML 10Page - Texas Instruments PT5405 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
l
p
p
i
R
x
a
M
C
°
5
8
t
a
)
s
m
r
I
(
t
n
e
r
r
u
C
e
z
i
S
l
a
c
i
s
y
h
P
)
m
m
(
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
)
T
M
S
(
A
W
c
i
n
o
s
a
n
a
PV
0
1F
µ
0
2
15
3
0
.
0
A
m
0
0
8
23
.
8
× 9
.
61
1
P
1
2
1
A
1
A
W
F
E
E
C
F
c
i
n
o
s
a
n
a
P
)
T
M
S
(
K
F
V
6
1
V
6
1
0
2
2F
µ
0
3
3F
µ
0
5
1
.
0
0
6
1
.
0
A
m
5
5
5
A
m
0
0
6
0
1
× 2
.
0
1
8
× 2
.
0
1
1
1
1
1
1
2
2
C
1
C
F
U
E
E
P
1
3
3
C
1
K
F
V
E
E
n
o
C
i
m
e
h
C
d
e
t
i
n
U
S
F
)
T
M
S
(
A
X
P
)
T
M
S
(
Z
V
M
S
P
V
0
1
V
0
1
V
6
1
V
0
1
F
µ
0
0
1
0
2
1F
µ
0
2
2F
µ
F
µ
0
7
2
0
4
0
.
0
7
2
0
.
0
0
7
1
.
0
4
1
0
.
0
A
m
0
0
1
2
A
m
0
3
4
2
A
m
0
5
4
A
m
0
2
4
4
3
.
6
× 8
.
9
8
× 7
.
6
8
× 0
1
8
× 5
.
1
1
1
1
1
1
1
1
1
1
M
0
0
1
S
F
0
1
P
T
0
8
H
M
1
2
1
C
V
0
1
A
X
P
P
T
0
1
H
M
1
2
2
C
V
5
2
Z
V
M
1
1
H
M
0
7
2
S
P
0
1
-
T
M
S
)
5
5
F
(
n
o
c
i
h
c
i
N
)
T
M
S
(
G
W
M
P
V
0
1
V
5
3
V
5
2
F
µ
0
0
1
0
0
1F
µ
0
5
1F
µ
5
5
0
.
0
0
5
1
.
0
0
6
1
.
0
A
m
0
0
0
2
A
m
0
7
6
A
m
0
6
4
3
,
4
x
3
,
7
0
1
× 0
1
0
1
× 5
.
1
1
1
1
1
1
1
1
N
M
1
0
1
A
1
5
5
F
S
G
1
R
N
M
1
0
1
V
1
G
W
U
H
P
M
1
5
1
E
1
M
P
U
®
n
o
c
-
s
O
o
y
n
a
S
)
T
M
S
(
P
V
S
P
S
A
P
T
V
0
1
V
6
1
V
0
1
0
2
1F
µ
F
µ
0
0
1
µ
0
0
1F
0
4
0
.
0
5
2
0
.
0
0
8
0
.
0
A
m
0
0
5
2
>
A
m
0
0
8
2
>
A
m
0
0
2
1
>
7
×8
3
.
6
× 8
.
9
3
.
7
× 8
.
4
1
1
1
1
1
1
M
0
2
1
P
V
S
0
1
M
0
0
1
S
P
S
6
1
M
0
0
1
A
P
T
0
1
S
P
T
m
u
l
a
t
n
a
T
X
V
AV
0
1
V
0
1
F
µ
0
0
1
F
µ
0
2
2
0
1
.
00
0
0
1
.
0
A
m
0
9
0
1
>
A
m
4
1
4
1
>
L
3
.
7
× W
3
.
4
× H
1
.
4
1
1
1
1
0
0
1
0
R
0
1
0
M
7
0
1
D
S
P
T
0
0
1
0
R
0
1
0
M
7
2
2
V
S
P
T
t
e
m
e
K0
2
5
T
5
9
4
T
V
0
1
V
0
1
F
µ
0
0
1
F
µ
0
0
1
0
8
0
.
0
0
0
1
.
0
A
m
0
0
2
1
A
m
0
0
1
1
>
L
3
.
7
× W
7
.
5
× H
0
.
4
1
1
1
1
S
A
0
1
0
M
7
0
1
D
0
2
5
T
S
A
0
1
0
M
7
0
1
X
5
9
4
T
D
5
9
5
/
D
4
9
5
e
u
g
a
r
p
SV
0
1
V
0
1
F
µ
0
5
1
F
µ
0
2
1
0
9
0
.
0
0
4
1
.
0
A
m
0
0
1
1
A
m
0
0
0
1
>
L
3
.
7
× W
0
.
6
× H
1
.
4
1
1
1
1
T
2
C
0
1
0
0
X
7
5
1
D
4
9
5
T
2
D
0
1
0
0
X
7
2
1
D
5
9
5
R
5
X
c
i
m
a
r
e
C
-
K
D
T
R
5
X
c
i
m
a
r
e
C
a
t
a
r
u
M
e
s
a
C
0
1
2
1
V
3
.
6
V
3
.
6
F
µ
7
4
F
µ
7
4
2
0
0
.
0
2
0
0
.
0
A
m
0
0
4
1
>
A
m
0
0
0
1
>
L
6
.
3
× W
8
.
2
× H
8
.
2
2
2
)
x
a
m
(
2
)
x
a
m
(
2
T
M
/
T
K
6
7
4
J
0
R
5
X
5
2
2
3
C
3
.
6
/
M
6
7
4
J
0
6
R
E
2
3
M
R
G
PT5400 Series
Capacitor Recommendations for the PT5400
SWIFT™ Series of Power Modules
Input Capacitors
The recommended input capacitance is determined by
100 µF minimum capacitance, 300 mA (rms) minimum
ripple current rating, and less than 300 m
Ω equivalent
series resistance (ESR). The ripple current rating, ESR,
and operating temperature are the major considerations
when selecting the input capacitor.
It is recommended that tantalum capacitors have a mini-
mum voltage rating of at least twice the working voltage,
including the ac ripple. This is necessary to insure reli-
ability with 3.3-V input voltage bus applications.
Output Capacitors (optional)
The ESR of the output bulk (non-ceramic) capacitance
must be between 10 m
Ω ≤ESR ≤200 mΩ. Electrolytic
capacitors have poor ripple performance at frequen-
cies greater than 400 kHz but excellent low frequency
transient response. Above the ripple frequency, ceramic
decoupling capacitors are recommended to improve the
transient response and reduce any high frequency noise
components apparent during higher current excursions. A
maximum of 100 µF ceramic capacitance may be added to
the output bus.
Tantalum/ Ceramic Capacitors
Tantalum capacitors are acceptable on the output bus.
Tantalum, Os-con®, or ceramic capacitor types are rec-
ommended for applications where ambient temperatures
fall below 0 °C. Ceramic capacitors may be used instead
of electrolytic types on both the input and output bus.
The input bus must have at least the minimum amount of
capacitance. For the output bus the total amount of
ceramic capacitance should be limited to 100 µF.
Capacitor Tables
Table 2-1 identifies vendors with acceptable ESR and
maximum allowable ripple current (rms) ratings. Capaci-
tors recommended for the output are identified under
the Output Bus column with the required quantity.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those
listed are for guidance. The RMS ripple current rating and
ESR (at 100 kHz) are critical parameters necessary to insure
both optimum regulator performance and long capacitor life.
Table 2-1; Recommended Input/Output Capacitors


Similar Part No. - PT5405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
PT5405 TI-PT5405 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5405 TI-PT5405 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5405A TI-PT5405A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
More results

Similar Description - PT5405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP572 AD-ADCMP572_15 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com