Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6932 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6932
Description  The PT6930 Excalibur series of 8-A dual-output ISRs are designed to power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6932 Datasheet(HTML) 5 Page - Texas Instruments

  PT6932 Datasheet HTML 1Page - Texas Instruments PT6932 Datasheet HTML 2Page - Texas Instruments PT6932 Datasheet HTML 3Page - Texas Instruments PT6932 Datasheet HTML 4Page - Texas Instruments PT6932 Datasheet HTML 5Page - Texas Instruments PT6932 Datasheet HTML 6Page - Texas Instruments PT6932 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6920/PT6930 Series
Using the Standby Function on the PT6920 and
PT6930 Dual Output Voltage Converters
Both output voltages of the 23-pin PT6920/6930 dual
output converter may be disabled using the regulator’s
standby function. This function may be used in applications
that require power-up/shutdown sequencing, or wherever
there is a requirement to control the output voltage On/
Off status with external circuitry.
The standby function is provided by the STBY* control
(pin 3). If pin 3 is left open-circuit the regulator operates
normally, and provides a regulated output at both Vo1
(pins 12–15) and Vo2 (pins 18–21) whenever a valid supply
voltage is applied to Vin (pins 4, 5, & 6) with respect to
GND (pins 7–11). If a low voltage 2 is then applied to pin 3,
both regulator outputs will be simultaneously disabled and
the input current drawn by the ISR will typcially drop to
less than 30mA (50mA max). The standby control may also
be used to hold-off both regulator outputs during the pe-
riod that input power is applied.
The standby pin is ideally controlled using an open-collector
(or open-drain) discrete transistor (See Figure 1). It may
also be driven directly from a dedicated TTL3 compatible
gate. Table 1 provides details of the threshold requirements.
Table 1 Inhibit Control Thresholds 2,3
Parameter
Min
Max
Enable (VIH)
1.8V
Vin
Disable (VIL)
–0.1V
0.8V
Notes:
1. The Standby/Inhibit control logic is similar for all
Power Trends’ modules, but the flexibility and
threshold tolerances will be different. For specific
information on this function for other regulator
models, consult the applicable application note.
2. The Standby control pin is ideally controlled using an
open-collector (or open-drain) discrete transistor and
requires no external pull-up resistor. To disable the
regulator output, the control pin must be pulled to
less than 0.8Vdc with a low-level 0.5mA sink to
ground.
3. The Standby input on the PT6920/6930 series may
be driven by a differential output device, making it
directly compatible with TTL logic. The control
input has an internal pull-up to the input voltage Vin.
A voltage of 1.8V or greater ensures that the
regulator is enabled. Do not use devices that can drive
the Standby control input above 5.5V or Vin.
Figure 1
Turn-On Time:
Turning Q1 in Figure 1 off removes the low-
voltage signal at pin 3 and enables both outputs from the
PT6920/6930 regulator. Following a delay of about 10–20ms,
Vo1 and Vo2 rise together until the lower voltage, Vo2,
reaches its set output. Vo1 then continues to rise until both
outputs reach full regulation voltage. The total power-up
time is less than 25ms, and is relatively independant of load,
temperature, and output capacitance. Figure 2 shows wave-
forms of the output voltages Vo1 and Vo2, for a PT6931
(3.3V/2.5V). The turn-off of Q1 corresponds to the rise in
Vstby. The waveforms were measured with a 5Vdc input
voltage, and with resistive loads of 5A and 2A at the Vo1
and Vo2 outputs respectively.
Figure 2
C
1
+
C
2
+
Inhibit
V
in
V
2 out
COM
COM
Q1
BSS138
+5V V
in
PT6921
18 - 21
23
7 - 11
4,5,6
Vin
V2
out
GND
Vo
2(adj)
V
1(sns)
1
16
V0
1(adj)
12 - 15
V1
out
V
2(sns)
22
STBY
3
V
1 out
C
3
+
Vo1 (3.3V)
Vo2 (2.5V)
Vstby
Ch1 1V/Div
Ch2 1V/Div
Ch3 5V/Div
Timebase: 5ms/Div
Not Recommended For New Designs


Similar Part No. - PT6932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6932 TI-PT6932 Datasheet
170Kb / 5P
[Old version datasheet]   5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6932 TI-PT6932 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
More results

Similar Description - PT6932

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-418-YG5-N LINX-ANT-418-YG5-N Datasheet
185Kb / 1P
   The YG Series of Yagi antennas are designed
12-21-09
logo
ITT Industries
CCM01-2064 ITT-CCM01-2064 Datasheet
170Kb / 2P
   Available with 8 contacts which are designed to give a consistently reliable normal force over the life of the connector.
logo
Littelfuse
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
logo
Abracon Corporation
AFS14-EVAL ABRACON-AFS14-EVAL Datasheet
2Mb / 2P
   AFS14 Evaluation boards are designed to provide a means to assess the performance
01.23.15
logo
TE Connectivity Ltd
408-10274 TEC-408-10274 Datasheet
145Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
408-10414 TEC-408-10414 Datasheet
167Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
logo
Laird Tech Smart Techno...
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
   modules from Laird are designed to meet the needs of developers who wish to add robust
logo
JMK Inc.
0681 JMK-0681 Datasheet
187Kb / 1P
   The 0681 Series Filters are designed to be used with switching power supplies, required to meet the emission specifications of VDE level "B"||" "321566
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/10
logo
TEMEX
ROX5242T2 TEMEX-ROX5242T2 Datasheet
445Kb / 2P
   The ROX5242T2 belongs to a range of super single oven OCXOs designed
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952 Datasheet
292Kb / 11P
   Designed for pulse width modulated (PWM) control of DC motors, the A4952 and A4953 are capable of peak output currents to 짹2 A and operating voltages to 40 V.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com