Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5404 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT5404
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5404 Datasheet(HTML) 1 Page - Texas Instruments

  PT5404 Datasheet HTML 1Page - Texas Instruments PT5404 Datasheet HTML 2Page - Texas Instruments PT5404 Datasheet HTML 3Page - Texas Instruments PT5404 Datasheet HTML 4Page - Texas Instruments PT5404 Datasheet HTML 5Page - Texas Instruments PT5404 Datasheet HTML 6Page - Texas Instruments PT5404 Datasheet HTML 7Page - Texas Instruments PT5404 Datasheet HTML 8Page - Texas Instruments PT5404 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
For technical support and further information, visit http://power.ti.com
PT5400 Series
6-A 5-V/3.3-V Input Adjustable
SWIFT™ Power Module
SLTS169C - MAY 2002 - REVISED OCTOBER 2003
Standard Application
C1 = Required 100 µF
C2 = Optional 100 µF
Ordering Information
Input Bus
5 V 3.3 V Pt No.
Vout
!
PT5401
H 3.3 Volts
!
PT5402
H 2.5 Volts
! PT5408H 2.5 Volts
!! PT5403H 2.0 Volts
!! PT5404H 1.8 Volts
!! PT5405H 1.5 Volts
!! PT5406H 1.2 Volts
!! PT5407H 1.0 Volts
Pin
Function
1
Inhibit *
2Vin
3
GND
4Vo
5Vo Adjust
Features
Fully Functional SWIFT Module
Single-Device: 5 V/3.3 V Input
DSP Compatible
No Output Capacitors Required
High Efficiency (93 % at 4 A)
Small Footprint
(0.355 in², Suffix ‘N’)
Adjustable Output Voltage
Pin-Out Information
C
1
(Required)
C
2
(Optional)
+V
O
GND
GND
+V
IN
+
PT5400
2
3
5
4
1
INH
V
O ADJ
+
* For Inhibit pin:
Open = output enabled
Ground = output disabled
Description
The PT5400 Excalibur™ power modules are a
series of high-performance integrated switching
regulators (ISRs) based on TI’s SWIFT (Switcher
With Integrated FET Technology) regulator ICs.
These ready-to-use modules are rated for up to
6 A of output current from input voltages as low
as 3.1 V, providing a convenient step-down power
source for the industry’s latest high-performance
DSPs and microprocessors. The series includes
output voltage options as low as 1.0 VDC.
The PT5400 modules are packaged in a 5-pin
thermally efficient copper case, which offers the
advantage of solderability along with a small foot-
print (0.355 in², suffix ‘N’). Both through-hole and
surface mount pin configurations are available.
The product features external output voltage
adjustment, an on/off inhibit function, short cir-
cuit protection, and thermal shutdown. A 100-µF
input capacitor is required for proper operation.
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EFK)
Horizontal
A
(EFL)
SMD
C
(EFM)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
On/Off Inhibit Function
Short Circuit Protection
Thermal Shutdown
Space-Saving package
Solderable Copper Case


Similar Part No. - PT5404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5404 TI-PT5404 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5404 TI-PT5404 Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5404 TI-PT5404 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5404A TI-PT5404A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5404C TI-PT5404C Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
More results

Similar Description - PT5404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP572 AD-ADCMP572_15 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com