Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ6.0A Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # SMDJ6.0A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMDJ6.0A Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  SMDJ6.0A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMDJ6.0A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMDJ6.0A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMDJ6.0A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMDJ6.0A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMDJ6.0A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SMDJ6.0A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - SMDJ Series
Ratings and Characteristic Curves
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only
Figure 1 - Peak Pulse Power Rating Curve
A


Similar Part No. - SMDJ6.0A

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
SMDJ6.0A SAMYANG-SMDJ6.0A Datasheet
2Mb / 6P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
SMDJ6.0A ETC1-SMDJ6.0A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Dc Components
SMDJ6.0A DCCOM-SMDJ6.0A Datasheet
53Kb / 5P
   RECTIFIER SPECIALISTS
logo
Anova Technologies CO.,...
SMDJ6.0A ANOVA-SMDJ6.0A Datasheet
267Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDJ6.0A UNSEMI-SMDJ6.0A Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SMDJ6.0A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com