Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ8.5A Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # SMAJ8.5A
Description  Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMAJ8.5A Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  SMAJ8.5A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.5A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.5A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.5A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.5A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.5A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.5A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd SMAJ8.5A Datasheet HTML 8Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - SMAJ Series
Ratings and Characteristic Curves
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current
0
20
40
60
80
100
0
25
50
75
100
125
150
175
T
A-Ambient temperature (ºC)
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
Tj=25ºC
f=1.0MHz
Vsig=50mVp-p
Uni-directional V=0V
Bi-directional V=0V
Uni-directional @VR
Bi-directional @VR
V
BR - Reverse Breakdown Voltage (V)
0.1
1
10
0.000001
0.00001
0.0001
0.001
t
d-Pulse Width (sec.)
0.2x0.2" (5.0x5.0mm)
Copper Pad Area
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
td
t-Time (ms)
Half Value
IPPM
( )
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
T
A - Ambient Temperature (ºC)
0
5
10
15
20
25
30
35
40
45
0
0
1
0
1
1
Number of Cycles at 60 Hz


Similar Part No. - SMAJ8.5A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMAJ8.5A MERITEK-SMAJ8.5A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ8.5A SOCAY-SMAJ8.5A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ8.5A JGD-SMAJ8.5A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bourns Electronic Solut...
SMAJ8.5A BOURNS-SMAJ8.5A Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Shenzhen Luguang Electr...
SMAJ8.5A LUGUANG-SMAJ8.5A Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMAJ8.5A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com