Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP9.0A Datasheet(PDF) 1 Page - Ruilongyuan Electronics Co.,Ltd

Part # 5KP9.0A
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

5KP9.0A Datasheet(HTML) 1 Page - Ruilongyuan Electronics Co.,Ltd

  5KP9.0A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 5KP9.0A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 5KP9.0A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 5KP9.0A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 5KP9.0A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 5KP9.0A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 5KP9.0A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Transient
Voltage
Suppressors
5KP Series
ELECTRONICS
Circuit Protection
System
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.


Similar Part No. - 5KP9.0A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP9.0A SURGE-5KP9.0A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Semitech Semic...
5KP9.0A SEMITECH-5KP9.0A Datasheet
508Kb / 4P
   Low profile package
logo
Vishay Siliconix
5KP9.0A VISHAY-5KP9.0A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
First Components Intern...
5KP9.0A FCI-5KP9.0A Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
5KP9.0A LUGUANG-5KP9.0A Datasheet
929Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 5KP9.0A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com